Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS299 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS299
Description  Darlington Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS299 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS299 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Electrical Characteristics: TA = 25¡C , unless otherwise specified.
Flip Chip
B
Base of input darlington.
C1
Collector of darlington input device.
C2
Collector of darlington output driver.
E
Emitter of darlington driver. Base/Emitter resistor and substrate
are also connected here.
s Supply Requirements
Saturation Voltage
IB1 = 0.6mA, IC2 = 350mA
0.60
V
TJ = -30¡C
0.55
V
TJ = 150¡C
0.65
V
Collector Breakdown Voltage
IC1 = IC2 = 1.0mA, RBE = 200, VC1 = VC2
80
V
Collector Cut Off Current (ICEO)VCE1 = VCE2 = 60V, RBE = 200
10
µA
DC Current Gain (HFE)
VC1 = VC2 = 1.0V, IB1 = 100µA
1000
NPN
b (Q1)
IB1 = 1µA, VCE2 = 0V, VCE1 = 1.5V
50
VBE (in saturation)
IB1 = 0.6mA, IC1 = 50mA, IC2 = 350mA
2.0
V
Diode Forward Voltage (D1)
ID1 = 25mA
0.5
1.5
V
IC1
IB1
(IC1+IC2)
IB1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com