Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3524A Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3524A
Description  Voltage Mode PWM Control Circuit with 200mA Output Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3524A Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3524A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: 0˚C ≤ TA ≤ +70˚C for the CS3524A; VIN = VCC = 20V; unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Supply Voltage (VIN).................................................................................................................................................................40V
Collector Supply Voltage (VCC) ...............................................................................................................................................60V
Output Current (Each Output)...........................................................................................................................................200mA
Reference Output Current.....................................................................................................................................................50mA
Oscillator Charging Current ..................................................................................................................................................5mA
Power Dissipation at TA=25˚C.........................................................................................................................................1000mW
Power Dissipation at TJ=+25˚C........................................................................................................................................2000mW
Derate for Case Temperature above +25˚C........................................................................................................16mW/˚C
Storage Temperature Range ................................................................................................................................-65˚C to +150˚C
Lead Temperature Soldering: Wave Solder (through hole styles only)..........................................10 sec. max, 260°C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183°C, 230°C peak
s
Turn-on Characteristics
Input Voltage
Operating range after Turn-on
8
40
V
Turn-on Threshold
5.5
7.5
8.5
V
Turn-on Current
VIN Turn-on - 100mV
2.5
4.0
mA
Operating Current
VIN = 8 to 40V
5
10
mA
Turn-on Hysteresis*
0.6
V
s
Reference Section
Output Voltage
TA = 25˚C
4.90
5.00
5.20
V
Line Regulation
VIN = 10 to 40V
10
30
mV
Load Regulation
IL = 0 to 20mA
20
50
mA
Temperature Stability*
Over Operating Range
20
50
mV
Short Circuit Current
VREF = 0, TA = 25˚C
80
100
mA
Output Noise Voltage*
10Hz ≤ f ≤ 10kHz, TA = 25˚C
40
µVrms
Long Term Stability*
TA = 125˚C; 1000 Hrs.
20
50
mV
s
Oscillator Section (Unless otherwise specified, RT = 2700Ω, CT = 0.01µF)
Initial Accuracy
TA = 25˚C39
43
47
kHz
Temperature Stability*
Over Operating Temperature Range
1
2
%
Minimum Frequency
RT = 150kΩ, CT = 0.1µF
120
Hz
Maximum Frequency
RT = 2.0kΩ, CT = 470pF
500
kHz
Output Amplitude*
TA = 25˚C
3.5
V
Output Pulse Width*
TA = 25˚C
0.5
µs
Ramp Peak
3.3
3.5
3.7
V
Ramp Valley
0.7
0.9
1.0
V
s
Error Amplifier Section (Unless otherwise specified, VCM = 2.5V)
Input Offset Voltage
2
10
mV
Input Bias Current
1
10
µA
Input Offset Current
0.5
1.0
µA
Common Mode
Rejection Ratio
VCM = 1.5 to 5.5V
60
75
dB
Power Supply Rejection Ratio VIN = 10 to 40V
50
60
dB
Output Swing
Minimum Total Range
0.5
5.0
V
* These parameters are guaranteed by design but not 100% tested in production.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com