Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3524A Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS3524A
Description  Voltage Mode PWM Control Circuit with 200mA Output Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3524A Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS3524A Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3524A Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Characteristics continued
1M
2
5
10
20
100
TIMING RESISTOR - RT (kΩ)
1
50
100k
10k
1k
100
VIN = 20V
TA = 25˚C
C
T
= 1.0nf
C
T
= 3.0nf
C
T
= 10nf
C
T
= 30nf
C
T
= 100nf
1.15
RTCT
f≈
10
2
5
10
20
100
TIMING CAPACITOR - CT (nf)
1
50
5.0
2.0
1.0
0.5
0.2
0.1
VIN = 20V
RT = 2700Ω
TA = 25˚C
Note: Dead time = osc output pulse
width plus output delay
Output Dead Time vs. Timing Capacitor Value
Oscillator Frequency vs. Timing Components Resistor
Over Timing Capacitance
6
12
3
4
DELAY TIME (µs)
INPUT at ISENSE+
0
5
4
3
2
1
0
0.2
0.1
0.0
VIN 20V TA 25˚C
EA+ = VREF
ISENSE– = Gnd
OUTPUT at COMP
5%
Overdrive
10%
20%
50%
20
15
10
5
0
1.0
0.5
0.0
01
2
3
DELAY TIME (µs)
VIN = 20V
RL = 2kΩ
TA = 25˚C
OUTPUT at
VO
A
OR VO
B
INPUT at
SHUTDOWN
Note: Minimum input pulse width
to latch is 200ns
20
15
10
5
0
5
0
01
2
3
DELAY TIME (µs)
4
3
2
1
VIN = 20V
RL = 2kΩ
TA = 25˚C
OUTPUT at
VOA or VOB
INPUT at VOB
Note: Minimum input pulse width
to latch is 200ns
Shutdown Delay From PWM Comparator
Turn-Off Delay From Shutdown
Current Limit Amplifier Delay
10
9
8
7
6
5
4
3
2
1
0
010
20
30
40
50
Note: Outputs off. RT = ∞
SUPPLY VOLTAGE VIN (V)
TA = -55°C
TA = 25°C
TA = 125°C
Quiescent Supply Current vs. Supply Voltage Over
Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com