Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3750 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3750
Description  100mA Dual H-Bridge Air-Core Gauge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3750 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3750 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics: 7.5V <= VCC<=15V; -40¡C ² TA ² +85¡C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Note 1: Time required for output signal to rise to 90% of its amplitude after input signal switches.
Note 2: Time required for output signal to decrease to 10% of its amplitude after input signal switches.
s Output Stage
VOUT Saturation Voltage
IOUT=100mA; VIN=0V
0.25
0.50
V
(Low Side)
IOUT=1mA; VIN=0V
0.01
0.10
V
VOUT Offset Voltage
VC=5V; IOUT=-30mA
15
50
mV
VOUT Saturation High Side
VIN=5V;IOUT=-100mA
VS-2
VS-1.5
VS
V
Low Side
VIN=0V;IOUT=-1mA
0.02
0.10
V
VOUT Differential
VC=5V, IOUT=-100mA
100
mV
Matching Voltage
Supply Current
VIN=VDIR=0;
23
45
mA
s Input Stage
VIN LOW
VIN decreasing; VDIR=0V
0.8
1.9
V
HIGH
VIN increasing; VDIR=0V
2.0
3.5
V
Hysteresis
VDIR=0V
100
mV
IIN LOW
VIN=0.8V; VDIR=0V
20
100
µA
HIGH
VIN=3.5V
0.4
100.0
µA
Output Slew Rate
VIN=250Hz; RLOAD=150½
0.2
0.8
V/us
with respect to input
Output Turn on Delay
VIN=250Hz; RLOAD=150½, note 1
1.5
6
µs
with respect to input
Output Turn off Delay
VIN=250Hz; RLOAD=150½, note 2
2.4
9
µs
with respect to input
s Direction
VDIR LOW
VIN=5V; VDIR decreasing
0.8
1.9
V
HIGH
VIN=5V; VDIR increasing
2.0
3.5
V
Hysteresis
VIN=5V
100
mV
IDIR LOW
VIN=0V; VDIR=0.8V
40
100
µA
HIGH
VIN=0V; VDIR=3.5V
0.4
100
µA
Output Slew Rate
VIN=5V; fDIR=250Hz; C=0µF
0.2
1.5
V/µs
with respect to DIR
Output Fall Time
VIN=0V; VDIR=0V; C=0µF
0.2
2.0
µs
with respect to DIR
Output Turn on Delay
VIN=5V; RLOAD=150½
with respect to DIR
VDIR=250Hz; C=0µF, note 1
1
6
µs
Output Turn off Delay
VIN=5V; RLOAD=150½
with respect to DIR
VDIR=250Hz; C=0µF, note 2
2.5
9
µs
s Protection Functions
IOUT Current Limit
VIN=5V
100
225
mA
(High Side Only)
Over Voltage Threshold
VIN=5V
17.0
21.5
26.0
V
Hysteresis
0.5
V
Thermal Shutdown
160
¡C
Hysteresis
20
¡C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com