Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3750 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3750
Description  100mA Dual H-Bridge Air-Core Gauge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3750 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3750 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3750 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
OUT1A
Thermal
Shutdown
VREF
Overvoltage
1/2 H -Bridge
Driver
with Current
Limit
RC Filter
for PWM Input
OUT1B
C1
1/2 H -Bridge
Driver
with Current
Limit
DIRECTION
Control
1/2 H- Bridge
Driver
with Current
Limit
RC Filter
for PWM Input
1/2 H- Bridge
Driver
with Current
Limit
DIRECTION
Control
OUT2A
OUT2B
C2
Gnd
IN2
DIR2
IN1
DIR1
VS1,2
s
2 Independent NPN
H-Bridge Drivers
s
No Analog Trim Required
s
Used in Multiplexed
Systems
s
Quiet Gauge Operation
s
Programmable Slew
Rate Minimizes
Switching Noise
s
Fault Protection
Over Voltage
Thermal Shutdown
Short Circuit
Package Options
16 Lead PDIP
(internally fused leads)
100mA Dual H-Bridge Air-Core
Gauge Driver
1
DIR1
C1
IN1
Gnd
Gnd
OUT1A
VS1
OUT1B
DIR2
C2
IN2
Gnd
Gnd
OUT2A
VS2
OUT2B
Description
Block Diagram
Absolute Maximum Ratings
The CS3750 is a dual H-bridge four
quadrant air-core gauge driver. The IC
provides all the functions necessary to
drive a tachometer or speedometer as
part of a microprocessor based multi-
plexed system. Digital input control
eliminates the need for any analog cali-
bration of the gauge.
The controlling microprocessor sends
out a PWM signal to each H bridge
driver input (IN1, IN2). The PWM sig-
nal duty cycle is proportional to the
HÐbridge output. Output current
(100mA max) direction is controlled by
the DIRECTION input. PWM switch-
ing noise is minimized at each half
bridge by an internal RC filter and
external programmable capacitor.
The CS3750 is protected against 50V
load dump, over voltage and thermal
runaway fault conditions. Any of these
faults causes the IC to shut down. Each
high side of the output driver is current
limited. A short circuit condition in one
driver does not affect the others.
CS3750
Supply Voltage .................................................................................7.5V to +16V
Internal Power Dissipation.....................................................Internally limited
Logic Input Voltages .......................................................................Ð0.3V to 6.5V
Junction Temperature Range ...................................................Ð40¡C to +150¡C
Storage Temperature Range .....................................................Ð55¡C to +165¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) ...........10 sec. max, 260¡C peak
Electrostatic Discharge (Human Body Model)............................................8kV
Rev. 7/20/95
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS3750

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
More results

Similar Description - CS3750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
Single Air-Core Gauge Driver
Rev. 4/19/99
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
3-channel air-core gauge driver with serial interface
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
Single Air-Core Gauge Driver
December, 2001 - Rev. 3
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com