Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW24000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW24000
Description  Wireless Technology to Control and Monitor Anything from Anywhere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW24000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW24000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW24000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SYNAPSE Wireless, Inc. 500 Discovery Drive, Huntsville, Alabama 35806
877 982-7888 · synapse-wireless.com
All specifications are subject to change without notice. © 2010 SYNAPSE® All Rights reserved. Patents pending.
Portal
This easy-to-use graphical user interface
gives you access to control and monitor-
ing functions that deliver complete net-
work visibility and management. With
Portal®, you will see wireless devices
graphically and control them individually
or collectively, monitor activities, keep
event logs, run scripts, and much more.
SNAP
SNAP® is Synapse’s revolutionary
wireless mesh networking firmware.
Representing a leap-forward in embed-
ded intelligence, SNAP is built on a
foundation of peer-to-peer networking
and free-form RPC calls. The result is
the first system in its class supporting
the capability to interactively develop
custom applications using a modern,
dynamic programming language.
Develop your application wirelessly,
in minutes, right before your eyes.
SNAP Nodes
The EK2500 kit includes 2 SNAP Demo
Nodes and an SN171 - ProtoBoard that
will provide a complete network and
evaluation platform right out-of-the-box.
Electrical specifications can be verified
and examined under application specific
conditions. And your own sensors or
actuators can be connected to the
SN171 ProtoBoard to evaluate real-
time application performance.
SNAP Demonstration Boards
Want to see a SNAP network in action
right away? These boards have the on-
board peripherals to demonstrate power-
ful monitoring and control capabilities
right out of the box. You can control ex-
ternal electrical devices with the power-
relay, display link-quality or other para-
meters on the 7-segment LEDs, wake
up with a button-press…. Several of
Portal’s sample scripts make specific use of these boards. Modify one of the sample
scripts to make your own application and demonstrate for yourself the power of
SNAP!
SN171 SNAP Node ProtoBoard
With terminal blocks exposing all RF Engine pins, a jumper-selectable RS232 port,
LEDs, and pushbutton, the ProtoBoard is a playground for your wireless imagination.
A low-power device with so much digital and analog capability that’s programmable
in a modern high-level scripting language makes the ProtoBoard pretty unique. Doing
all this with full-mesh wireless networking is truly amazing!
RF Engines
So that you can fully evaluate the
performance of Synapse RF Engines,
we include three configurations:
• Internal “F” antenna
• Internal “F” antenna with transmit
power amplifier
• External (SMA) antenna with transmit
power amplifier
Our primary objective at Synapse is to
move our customers from concept to
wireless network deployment as quickly
as possible. With the Synapse Network
Evaluation Kit, you can experience
it for yourself!
EK2500 Kit Contents
Portal desktop software
SYNAPSE Network Evaluation Kit
EK2500
Wireless Technology to Control and
Monitor Anything from Anywhere™
430-0113.01
C
1
SN132H0-NR
SNAP Stick
1
RF100PD6
RF Engine SNAP Ext Ant. w/ Tx amp (max range)
1
RF100PC6
RF Engine SNAP F-TYPE w/ Tx amp (max range)
1
SN171GG-NR
ProtoBoard assembled with the following RFEngine
1
RF100P86
RF Engine SNAP F-TYPE (extended range)
1
AC11001
6 ft. Serial Cable
1
AC12000
Half-wave 5” Dipole Ant. w/RP SMA
2
AC13000
9V 350 ma DC Power Supply
1
AC13002
Battery Holder with on/off switch
2
AC13001
AA Alkaline Batteries
1
AC14002
Documentation
1
SW24000
Portal CD – Unlimited Nodes
Qty
Part No.
Description
1
SN111F5-NR
Demo Node Board with RF Engine



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com