Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW24000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW24000
Description  Wireless Technology to Control and Monitor Anything from Anywhere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW24000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW24000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW24000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYNAPSE Network Evaluation Kit
EK2500
Synapse proudly offers the EK2500 – the
easiest way to experience the full power of
our RF Engine™ hardware, SNAP® network
firmware, and Portal® desktop software.
Just power up the evaluation hardware and
immediately you’ll get a sense of the speed
and simplicity of SNAP networking. Right
out of the box, the devices are communicating
in a full mesh network. Install the included
Synapse Portal software on your Windows PC
(2K, XP, Vista), MAC or Linux and you’ll begin
to experience the true power of an end-to-end
integrated system. More than just a diagnostic
or commissioning tool, Portal is a complete
wireless application development environment.
You have everything you need to create and
wirelessly deploy your embedded application.
Hardware
SNAP Nodes: 2 Demo Boards
Software
The evaluation kit includes Portal, Synapse’s
revolutionary wireless application development
environment. This easy-to-use graphical interface
provides everything you need for end-to-end
control of your SNAP network.
• Interactively control and monitor all nodes on the network.
• Modify device behavior (embedded scripts) wirelessly.
• Design, test, verify and deploy your application in record time.
Portal includes a variety of sample applications
demonstrating the power of Synapse’s embedded
Python engine, SNAPpy™.
• SNAP - Instant-ON mesh network stack.
• Complete end-to-end solution, hardware and
software – device to desktop.
• Everything you need to interactively prototype
your application.
• Portal Software – wireless application
development environment.
• Instructive example scripts demonstrate the
power of SNAP.
• Step-by-step User’s Guide.
• Includes all required cables, power supplies
and connectors.
EK2500 SNAP Nodes
come pre-loaded with
SNAP, including a
sample application
ready-to-run out
of the box, in a full
mesh network.
Available with AES-128 encryption
for secure applications.
Wireless Technology to Control and
Monitor Anything from Anywhere™
1 SN171-ProtoBoard
1 SN132-Demo Node


Similar Part No. - SW24000

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW24000 SUNNYWAY-SW24000 Datasheet
392Kb / 1P
Telecom & Industry stationary battery
SW24000E SUNNYWAY-SW24000E Datasheet
349Kb / 1P
Photovaltaic & wind power battery
SW24000E SUNNYWAY-SW24000E_17 Datasheet
483Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW24000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
Power Control and Monitor System
logo
Honeywell Solid State E...
WPMM1A02A HONEYWELL-WPMM1A02A Datasheet
406Kb / 8P
Wireless Panel-Mount Monitor
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
Power Control and Monitor System
logo
List of Unclassifed Man...
LS-XL ETC2-LS-XL Datasheet
668Kb / 2P
BitTorrent download Box - access files from anywhere from your smartphone
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
logo
Analog Devices
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com