Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AG-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC4046AG-S16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AG-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U74HC4046AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 19
www.unisonic.com.tw
QW-R502-461.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
DC Supply Voltage
VCC
-0.5
+7
V
DC Input Diode Current
±IIK
for VIN <−0.5 V or VIN > VCC + 0.5 V
20
mA
DC Output Diode Current
±IOK
for VOUT <−0.5 V or VOUT > VCC + 0.5 V
20
mA
DC Output Source or Sink Current
±IO
for −0.5 V < VOUT < VCC + 0.5 V
25
mA
DC VCC or GND Current
±ICC,
±IGND
50
mA
Power Dissipation per Package
Plastic DIL
PD
for temperature range: − 40 to +125 °C
above +70 °C: derate linearly with 12 mW/K
750
mW
Power Dissipation per Package
Plastic Mini-Pack(SO)
for temperature range: − 40 to +125 °C
above +70 °C: derate linearly with 8 mW/K
500
mW
Storage Temperature Range
TSTG
-65
+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DC Supply Voltage
VCC
3.0
5.0
6.0
V
DC Supply Voltage if VCO Section is not used
VCC
2.0
5.0
6.0
V
DC Input Voltage Range
VIN
0
VCC
V
DC Output Voltage Range
VOUT
0
VCC
V
Input Rise and Fall Times (pin 5)
tR, tF
VCC = 2.0 V
6.0
1000
ns
VCC = 4.5 V
6.0
500
ns
VCC = 6.0 V
6.0
400
ns
Ambient Operating Temperature
TOPR
see DC and AC
CHARACTERISTICS
-40
+85
°C
-40
+125
°C
QUICK REFERENCE DATA (GND = 5V; T = 25 °C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
VCO Centre Frequency
fo
C1 = 40 pF; R1 = 3 kΩ;VCC = 5V
19
MHz
Input Capacitance (pin 5)
CIN
3.5
pF
Power Dissipation Capacitance per Package
CPD
(Note)
24
pF
Note : CPD is used to determine the dynamic power dissipation (PD in μW):
∑
×
×
+
×
×
=
)
f
V
(C
V
C
P
O
2
CC
L
i
2
CC
PD
D
f
where: fi = input frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
fo =output frequency in MHz;
∑
×
×
)
V
(C
O
2
CC
L
f
= sum of outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com