Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AG-S16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U74HC4046AG-S16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AG-S16-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button U74HC4046AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 10Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 11Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 19
www.unisonic.com.tw
QW-R502-461.C
DC CHARACTERISTICS(Cont.)
VCO Section (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Resistance Range
R1
VCC=3.0V
3.0
300
kΩ
VCC=4.5V
3.0
300
VCC=6.0V
3.0
300
R2
VCC=3.0V
(Note)
3.0
300
kΩ
VCC=4.5V
3.0
300
VCC=6.0V
3.0
300
Capacitor Range
C1
VCC=3.0V
40
pF
VCC=4.5V
40
VCC=6.0V
40
Operating Voltage Range at VCOIN
VVCOIN
VCC=3.0V
Over the range
specified for R1;
for linearity (Fig10)
1.1
1.9
V
VCC=4.5V
1.1
3.4
VCC=6.0V
1.1
4.9
Note: The parallel value of R1 and R2 should be more than 2.7 kΩ. Optimum performance is achieved when
R1 and/ or R2 are/is > 10 kΩ.
Demodulator Section
(Voltages are Referenced to GND (Ground = 0 V))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Resistor Range
RS
VCC=3.0V
At RS > 300 kΩ
the leakage current can
influence VDEMOUT
50
300
kΩ
VCC=4.5V
50
300
VCC=6.0V
50
300
Offset Voltage VCOIN to VDEMOUT
VOFF
VCC=3.0V
VI = VVCOIN =1/2 VCC;
values taken over RS
range
±30
mV
VCC=4.5V
±20
VCC=6.0V
±10
Dynamic Output Resistance at
DEMOUT
RD
VCC=3.0V
VDEMOUT = 1/2 VCC
25
Ω
VCC=4.5V
25
VCC=6.0V
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com