Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCP0703-1R5-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCP0703-1R5-R
Description  High Current, Pressed, Power Inductors HCP0703 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HCP0703-1R5-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCP0703-1R5-R Datasheet HTML 1Page - List of Unclassifed Manufacturers HCP0703-1R5-R Datasheet HTML 2Page - List of Unclassifed Manufacturers HCP0703-1R5-R Datasheet HTML 3Page - List of Unclassifed Manufacturers HCP0703-1R5-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCM0703
Recommended
for
New
Designs
See
Data
Sheet
4085
Applications
• Notebook power
• VRM, multi-phase buck regulator
• DC-DC converters
• PC workstations/Servers/Desktop
• Routers
Environmental Data
• Storage temperature range: -55°C to +125°C
• Operating temperature range: -55°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds maximum
Packaging
• Supplied in tape and reel packaging, 1500 parts per reel,
13” diameter reel
Description
• 125°C maximum total temperature operation
• 7.0 x 7.3 x 3.0mm surface mount package
• Magnetically shielded, low EMI
• Pressed powder iron core material
• Enhanced core coating eliminates rusting and provides high
insulation impedance
• Inductance range from 0.15µH to 10.0µH
• Current range from 52.0 Amps to 3.0 Amps
• Frequency range up to 1MHz
• Black or gray aesthetic color
High Current, Pressed, Power Inductors
HCP0703 Series
0210
BU-SB10141
Page 1 of 4
Data Sheet: 4352
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.25V, 0.0Adc
2Irms: DC current for an approximate ΔT rise of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other
heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
3Isat: Amps for approximately 20% rolloff (@25°C).
4 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI, Bp-p: (Gauss), K:
(K-factor from table), L: (inductance in
μH), ΔI (peak-to-peak ripple current in amps).
5 Part Number Definition: HCP0703-xxx-R
• HCP0703 = Product code and size
• xxx= Inductance value in
μH, R = decimal point. If no “R” is present, then
third character = # of zeros
• “-R” suffix = RoHS compliant
Product Specifications
Rated
OCL
1
Irms
2
Isat
3
DCR m
Ω@20°C
DCR m
Ω@20°C
Part Number
5
Inductance (µH)
µH ± 20%
Amps
Amps
(Typical)
(Maximum)
K-factor
4
HCP0703-R15-R
0.15
0.15
26
52
1.9
2.5
1100
HCP0703-R22-R
0.22
0.22
23
40
2.5
2.8
922
HCP0703-R47-R
0.47
0.47
17
26
4.0
4.2
559
HCP0703-R68-R
0.68
0.68
15
25
5.0
5.5
435
HCP0703-R82-R
0.82
0.82
13
24
6.8
8.0
360
HCP0703-1R0-R
1.0
1.0
11
22
9.0
10
356
HCP0703-1R5-R
1.5
1.5
9
18
14
15
307
HCP0703-2R2-R
2.2
2.2
8
14
18
20
206
HCP0703-3R3-R
3.3
3.3
6
13.5
28
30
186
HCP0703-4R7-R
4.7
4.7
5.5
10
37
40
171
HCP0703-6R8-R
6.8
6.8
4.5
8
54
60
140
HCP0703-8R2-R
8.2
8.2
4
7.5
64
68
132
HCP0703-100-R
10.0
10.0
3
7.0
102
105
112


Similar Part No. - HCP0703-1R5-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HCP0704 COOPER-HCP0704 Datasheet
447Kb / 4P
High Current, High Frequency, Power Inductors
HCP0704-1R0-R COOPER-HCP0704-1R0-R Datasheet
447Kb / 4P
High Current, High Frequency, Power Inductors
HCP0704-1R8-R COOPER-HCP0704-1R8-R Datasheet
447Kb / 4P
High Current, High Frequency, Power Inductors
HCP0704-2R3-R COOPER-HCP0704-2R3-R Datasheet
447Kb / 4P
High Current, High Frequency, Power Inductors
HCP0704-3R3-R COOPER-HCP0704-3R3-R Datasheet
447Kb / 4P
High Current, High Frequency, Power Inductors
More results

Similar Description - HCP0703-1R5-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com