Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LV4052L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LV4052L-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEX ERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV4052L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LV4052L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U74LV4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-A59.A
DC ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage
High-level
VIH
VCC=2V
1.5
V
VCC=2.3 ~ 2.7V
VCC×0.7
VCC=3 ~ 3.6V
VCC×0.7
VCC=4.5 ~ 5.5V
VCC×0.7
Low-level
VIL
VCC=2V
0.5
VCC=2.3 ~ 2.7V
VCC×0.3
VCC=3 ~ 3.6V
VCC×0.3
VCC=4.5 ~ 5.5V
VCC×0.3
ON-state switch resistance
rON
VINH=VIL,
VI =VCC or GND, IT=2mA
VCC=2.3V
43
180
Ω
VCC=3V
34
150
VCC=4.5V
25
75
Peak ON-state resistance
rON (p)
VINH=VIL,
VI =VCC or GND
IT=2mA
VCC=2.3V
133
500
Ω
VCC=3V
63
180
VCC=4.5V
35
100
Difference in on-state
resistance between switches
△
rON
VINH=VIL,
VI =VCC or GND
IT=2mA
VCC=2.3V
1.5
30
Ω
VCC=3V
1.1
20
VCC=4.5V
0.7
15
Off-state switch leakage
current
IS(off)
VI=VCC and VO =GND, or
VI=GND and VO =VCC,
VINH=VIH
VCC=5.5V
±0.1
ìA
On-state switch leakage
current
IS(on)
VINH=VIL,
VI =VCC or GND
VCC=5.5V
±0.1
ìA
Supply Current
ICC
VI= VCC or GND
VCC=5.5V
20
ìA
Control input current
II
VIN= 5.5V or GND
VCC=0 ~ 5.5V
±0.1
ìA
AC ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time from COM or
Y to Y or COM
tPLH/tPHL CL=15pF
VCC=2.5±0.2
1.9
10
ns
VCC=3.3±0.3
1.2
6
VCC=5±0.5
0.7
4
Enable delay time from INH to COM or
Y
tPZH/tPZL CL=15pF
VCC=2.5±0.2
8
18
ns
VCC=3.3±0.3
5.7
12
VCC=5±0.5
4
8
Disable delay time from INH to COM
or Y
tPHZ/tPLZ CL=15pF
VCC=2.5±0.2
8.3
18
ns
VCC=3.3±0.3
6.6
12
VCC=5±0.5
5
8
Propagation delay time COM or Y to Y
or COM
tPLH/tPHL CL=50pF
VCC=2.5±0.2
3.8
12
ns
VCC=3.3±0.3
2.5
9
VCC=5±0.5
1.5
6
Enable delay time INH to COM or Y
tPZH/tPZL CL=50pF
VCC=2.5±0.2
9.4
28
ns
VCC=3.3±0.3
6.7
20
VCC=5±0.5
4.7
14
Disable delay time INH to COM or Y
tPHZ/tPLZ CL=50pF
VCC=2.5±0.2
12.4
28
ns
VCC=3.3±0.3
9.5
20
VCC=5±0.5
6.9
14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com