Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LV4052L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LV4052L-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEX ERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV4052L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LV4052L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U74LV4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-A59.A
CAPACITANCE CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Control input capacitance
CIC
f=10MHz, VCC=3.3V
2.1
pF
COMMON terminal capacitance
CIS
VCC=3.3V
13.1
pF
SWITCH terminal capacitance
COS
VCC=3.3V
5.6
pF
Feedthrough capacitance
CF
VCC=3.3V
0.5
pF
Analog Switch CHARACTERISTICS (GND=0V,TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Sine-Wave Distortion from COM or Y
to Y or COM
THD
RL=10k, CL=50p,
fIN=1kHz
(sine wave)
VIN=2Vp-p
VCC=2.3V
0.1
%
VIN=2.5Vp-p
VCC=3V
0.1
%
VIN=4Vp-p
VCC=4.5V
0.1
%
Frequency response(switch on) from
COM or Y to Y or COM
fMAX
RL=600Ω,CL=50pF
, fIN=1MHz
(sine wave )
VCC=2.3V
30
MHz
VCC=3V
35
MHz
VCC=4.5V
50
MHz
Feedthrough attenuation from COM or
Y to Y or COM (switch off)
RL=600Ω,CL=50pF
,fIN=1MHz
(sine wave)
VCC=2.3V
-45
MHz
VCC=3V
-45
MHz
VCC=4.5V
-45
MHz
Crosstalk from COM or Y to Y or COM
(between any switches)
RL=600Ω,CL=50pF
,fIN=1MHz
(sine wave)
VCC=2.3V
-45
MHz
VCC=3V
-45
MHz
VCC=4.5V
-45
MHz
Crosstalk from INH to COM or Y
(control input to signal output)
RL=600Ω,CL=50pF
,fIN=1MHz
(sine wave)
VCC=2.3V
20
mV
VCC=3V
35
mV
VCC=4.5V
65
mV
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
CL=50pF, f=10MHz
11.8
pF
Note: 1. Adjust fIN voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads -3 dB.
2. Adjust fIN voltage to obtain 0 dBm at input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com