Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5111
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5111 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5111 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 5V ≤ VIN ≤ 26V and -40°C ≤ TJ ≤ 150°C, COUT=100µF(ESR ≤ 8Ω), CDelay = 0.1µF, RBIAS = 64.9k,
COSC = 390 pF, CCOMP = 0.1µF unless otherwise specified.
s
Watchdog Input (WDI)
VIH
Peak WDI needed to activate
2.0
V
VIL
0.8
V
Hysteresis
Note 1
25
50
mV
Pull-Up Resistor
WDI=0V
20
50
100
kΩ
Low Threshold
6.25
8.78
11.0
ms
Floating Input Voltage
3.5
V
WDI Pulse Width
5µs
s
Switcher Section
Minimum Operating
5.0
V
Input Voltage
Switching Frequency
Refer to Figure 1d.
80
95
110
kHz
Switch Saturation Voltage
ISW = 1.4A
0.7
1.1
1.6
V
Output Current Limit
1.4
2.5
A
Max Switching Frequency
VSW = 7.5V with 50Ω load,
120
kHz
Refer to Figure 1d.
VFB1 Regulation Voltage
1.206
1.25
1.294
V
VFB2 Regulation Voltage
1.206
1.25
1.294
V
VFB1, VFB2 Input Current
VFB1 = VFB2 = 5V
1
µA
Oscillator Charge Current
COSC = 0V
35
40
45
µA
Oscillator Discharge Current COSC = 4V
270
320
370
µA
CDelay Charge Current
CDelay = 0V
35
40
45
µA
Switcher Max Duty Cycle
VSW = 5V with 50Ω load,
72
85
95
%
VFB1 = VFB2 = 1V
Current Sense Amp Gain
ISW = 2.3A
7
Error Amp DC Gain
67
dB
Error Amp Transconductance
2700
µA/V
s
Input
VIL
0.8
1.24
V
VIH
1.30
2.0
V
Hysteresis
60
mV
Input Impedance
10
20
40
kΩ
s
Select Input
VIL (Selects VFB1)
4.9 ≤ VLIN ≤ 5.1
0.8
1.25
V
VIH (Selects VFB2)
4.9 ≤ VLIN ≤ 5.1
1.25
2.0
V
SELECT Pull-Up
SELECT = 0V
10
24
50
kΩ
Floating Input Voltage
3.5
4.5
V
Note 1: Guaranteed by Design, not 100% tested in production.
ENABLE
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com