Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5111
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5111 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5111 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance Characteristics
0A
20mA
40mA
60mA
80mA
100mA
3.5mA
4.0mA
4.5mA
ILIN
-30mA
-40mA
0A
0.5A
ISW
-20mA
-10mA
0A
1.0A
1.5A
2.0A
ISW
0A
0.5A
1.0A
1.5A
2.0A
0.4V
0.0V
0.6V
0.8V
1.2V
1.0V
0.2V
1.4V
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
40
0
0
COSC (pF)
80
120
160
1000
20
60
100
140
2000
3000
500
1500
2500
180
Figure 1a. 5V Regulator Bias Current vs. Load Current.
Figure 1b. Supply Current vs. Switch Current.
Figure 1c. Switch Saturation Voltage.
Figure 1d. Oscillator Frequency (kHz) vs. COSC (pF), assuming RBIAS =
64.9kΩ.
24 Lead SO Wide
1VIN
Supply Voltage.
2, 3
NC
No connection.
4VSW
Collector of NPN power switch for switching regulator section.
5,6,7,8,17,18,19,20
Gnd
Connected to the heat removing leads.
9VFB1
Feedback input voltage 1 (referenced to 1.25V)
10
VFB2
Feedback input voltage 2 (referenced to 1.25V)
11
SELECT
Logic level input that selects either VFB1 or VFB2. An open selects
VFB2. Connect to Gnd to select VFB1.
12
COMP
Output of the transconductance error amplifier.
13
COSC
A capacitor connected to Gnd sets the switching frequency.
Refer to Figure 1d.
14
WDI
Watchdog input. Active on falling edge.
15
CDelay
A capacitor connected to Gnd sets the Power On Reset and
Watchdog time.
16
output. Active low if VLIN is below the regulation limit.
If watchdog timeout is reached, a reset pulse train is issued.
21
IBIAS
A resistor connected to Gnd sets internal bias currents as well as
the COSC and CDelay charge currents.
22
VLIN
Regulated 5V output from the linear regulator section.
23
VREG
Input voltage to the linear regulator and the internal supply cir-
cuitry.
24
Logic level input to shut down the switching regulator.
ENABLE
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com