Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5127 Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Applications Information: continued
13
Now that we have the compensation components chosen,
we can put together a transfer function for the entire con-
trol loop. The transfer function is the product of the VOUT
to VCONTROL transfer function, the gain of the feedback
resistor divider and the negative inverse of the compensa-
tion loop transfer function. That is,
TLOOP = - (TVC-VO ´ TDIVIDER ´ TCOMPENSATION)
or
TLOOP =
[]
´
[] ´[] ´[]
Bode plots for this transfer function are shown below.
Figure 9: Bode plot of gain response for compensated voltage mode
system.
Figure 10: Bode plot of phase response for compensated voltage mode
system.
Entering the loop transfer function in a mathematics pro-
gram or a spreadsheet and evaluating the performance
from resulting Bode plots may help to further optimize the
compensation network component values.
Compensation may be further optimized by using a two
poleÐtwo zero compensation network as shown below.
Figure 11: Two poleÐtwo zero compensation network.
The two zeros are placed close to the resonant frequency of
the LC output circuit. That is,
ÅÅ
The two poles are placed near half the switching frequen-
cy, or
ÅÅ
The ENABLE lead controls operation of channel 2. Channel
2 operates normally if the ENABLE lead voltage is greater
than 3.5V. Setting the ENABLE lead voltage below 1.5V
will guarantee that channel 2 is disabled. In this case, the
GATE2 lead will be held low and no switching will occur.
This feature can be used to selectively power up or power
down circuitry that may not always need to be on. For
example, in a laptop computer, channel 1 could power the
microprocessor while channel 2 controlled the disk drive.
Channel 2 could be turned off if the drive was not in use.
Semiconductor components will deteriorate in high tem-
perature environments. It is necessary to limit the junction
temperature of control ICs, power MOSFETs and diodes in
order to maintain high levels of reliability. Most semicon-
ductor devices have a maximum junction temperature of
125¡C, and manufacturers recommend operating their
products at lower temperatures if at all possible.
Power dissipation in a semiconductor device results in the
generation of heat in the pin junctions at the surface of the
Thermal Management for Semiconductor Components
Channel 2 ENABLE Feature
1
2¹ R3 C2
1
2¹ C1 R1
fSW
2
1
2¹ R3 C3
1
2¹ C1 R2
1
2¹ LC
From VOUT
R1
R2
C1
VFB
COMP
R3
C2
C3
-270.0
1
Frequency (Hz)
-90
-180
0
90
102
103
104
106
105
10
107
-60.0
1
Frequency (Hz)
20
-20
60
100
102
103
104
106
105
10
107
-100.0
sC1 (R1 + R2)+ 1
sC2 R1 (sC1 R2 + 1)
RB
RA + RB
1
VR
R
´ VIN ´ (sCRC + 1)
s2LC (R + RC) + s[L + RLC(R + RC) + RCRC] + R + RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com