Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5127 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5127 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Absolute Maximum Ratings
Lead Symbol
Lead Name
VMAX
VMIN
ISOURCE
ISINK
Operating Junction Temperature, TJ..................................................................................................................................... 150¡C
Storage Temperature Range, TS...................................................................................................................................-65 to 150¡C
ESD (Human Body Model).........................................................................................................................................................2kV
Lead Temperature Soldering: Reflow (SMD styles only).............................................60 sec. max above 183¡C, 230¡C peak
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 0¡C < TA < 70¡C; 0¡C < TJ < 125¡C; 9.4V < VIN < 20V; CT = 330 pF; RT = 27k½;
unless otherwise stated.
SYNC
Oscillator Synchronization Input
5.5V
-0.3V
5 mA
5 mA
CT
Oscillator Integrating Capacitor
5.5V
-0.3V
1mA
1mA
RT
Oscillator Charge Current Resistor
5.5V
-0.3V
1mA
1mA
VFB1, VFB2
Voltage Feedback Inputs
5.5V
-0.3V
N/A
N/A
COMP1, COMP2
Error Amplifier Outputs
7.5V
-0.3V
2mA
50mA
VFFB1, VFFB2
PWM Ramp Inputs
5.5V
-0.3V
1mA
1mA
GATE1, GATE2
FET Gate Drive Outputs
20V
-0.3V DC,
200mA DC,
200mA DC,
-2.0V for
1A peak
1A peak
t < 50ns
(t < 100µs)
(t < 100µs)
LGnd
Reference Ground and IC Substrate
0V
0V
25 mA
N/A
PGnd
Power Ground
0V
0V
1A Peak,
N/A
200mA DC
ENABLE
Channel 2 Enable
5.5V
-0.3V
1mA
N/A
VREF
Reference Voltage Output
5.5V
-0.3V
150mA
5mA
(short circuit)
VIN
Power Supply Input
20V
-0.3V
N/A
200mA DC,
1A peak
(t < 100µs)
s Reference Section
VREF Output Voltage
Room Temperature,
4.9
5.0
5.1
V
IVREF = 1mA, VIN = 12V
Line Regulation
1
20
mV
Load Regulation
1 mA < IVREF < 10 mA
15
26
mV
VREF Variation over Line, Load
4.85
5.15
V
and Temperature
Output Short Circuit Current
30
100
150
mA
s Oscillator Section
Oscillator Frequency Variation
175
210
245
kHz
over Line and Temperature
Maximum Duty Cycle
80
90
98
%
Sync Threshold
0.8
1.6
2.4
V
Sync Bias Current
VSYNC = 2.4V
170
250
µA
VSYNC = 5.0V
430
750
Sync Propagation Delay
230
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com