Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1782L-Q-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1782L-Q-AE3-R
Description  POWER NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1782L-Q-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1782L-Q-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1782L-Q-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1782L-Q-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1782
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R206-107.a
POWER NPN TRANSISTOR
DESCRIPTION
The UTC 2SD1782 is an NPN silicon transistor. it uses UTC’s
advanced technology to provide customers with high collector-emitter
breakdown voltage, low collector-emitter saturation voltage and high
DC current gain, etc.
FEATURES
* High collector-emitter breakdown voltage
* Low collector-emitter saturation voltage
* High DC current gain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SD1782L-x-AE3-R
2SD1782G-x-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING (For SOT-23 Package)
D17
L: Lead Free
G: Halogen Free


Similar Part No. - 2SD1782L-Q-AE3-R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SD1782 JIANGSU-2SD1782 Datasheet
571Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Huazhimei Semi...
2SD1782 HMSEMI-2SD1782 Datasheet
921Kb / 9P
Low-power pyroelectric infrared sensor signal processing chip
logo
Nanjing International G...
2SD1782 DGNJDZ-2SD1782 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD1782G-X-AE3-R UTC-2SD1782G-X-AE3-R Datasheet
125Kb / 3P
POWER NPN TRANSISTOR
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
Power Transistor (80V, 0.5A)
More results

Similar Description - 2SD1782L-Q-AE3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
POWER NPN TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
NPN power transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com