Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2686L-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD2686L-AB3-R
Description  SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2686L-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD2686L-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD2686L-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD2686L-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD2686
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R208-050.a
SILICON NPN EPITAXIAL TYPE
(DARLINGTON POWER)
DESCRIPTION
The UTC 2SD2686 is a silicon NPN epitaxial type transistors,
including a zener diode between collector and base. it uses UTC’s
advanced technology to provide customers high DC current gain.
The UTC 2SD2686 is suitable for solenoid drive and motor drive
applications.
FEATURES
* High DC current gain
* Zener diode included between collector and base
EQUIVALENT CIRCUIT
Base
≈5kΩ
≈300Ω
Emitter
Collector
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SD2686L-AB3-R
2SD2686G-AB3-R
SOT-89
B
C
E
Tape Reel
2SD2686L-AB3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AB3: SOT-89
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Similar Part No. - 2SD2686L-AB3-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2686 TOSHIBA-2SD2686 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SD2686L-AB3-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1198 PANASONIC-2SD1198 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type darlington
logo
Hitachi Semiconductor
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
Silicon NPN Epitaxial, Darlington
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
Silicon NPN Epitaxial, Darlington
logo
Panasonic Semiconductor
2SD2018 PANASONIC-2SD2018 Datasheet
78Kb / 3P
Silicon NPN epitaxial planar type darlington
PU3219 PANASONIC-PU3219 Datasheet
63Kb / 1P
Silicon NPN Epitaxial Planar Darlington Type
logo
Toshiba Semiconductor
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
Silicon NPN Epitaxial Type (Darlington power transistor)
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com