Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5158 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5158
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5158 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5158 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5158 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
s
Dual N-Channel Design
s
Excess of 1MHz Operation
s
100ns Transient Response
s
5-Bit DAC
s
Backward Compatible with
Adjustable CS5157
s
30ns Gate Rise/Fall Times
s
0.8% Accuracy for the
01111 DAC Code and 1%
for the Remaining DAC
Codes
s
5V & 12V Operation
s
Remote Sense
s
Programmable Soft Start
s
Lossless Short Circuit
Protection
s
VCC Monitor
s
25ns FET Nonoverlap Time
s
V2
TM Control Topology
s
Current Sharing
s
Overvoltage Protection
Package Options
CPU 5-Bit Synchronous Buck Controller
CS5158
Description
Application Diagram
1
VID0
VID1
VID2
VID3
SS
VID4
COFF
VFFB
VFB
COMP
LGnd
VCC1
VGATE(L)
PGnd
VGATE(H)
VCC2
16 Lead SO Narrow
1
Switching Power Supply for core logic - Pentium® II processor
Pentium is a registered trademark of Intel Corporation.
V2 is a trademark of Switch Power, Inc.
Rev. 2/16/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®
The CS5158 is a 5-Bit synchronous
dual N-Channel buck controller. It
is designed to provide unprece-
dented transient response for
today’s demanding high-density,
high-speed logic. The regulator
operates using a proprietary control
method, which allows a 100ns
response time to load transients.
The CS5158 is designed to operate
over a 4.25-16V range (VCC) using
12V to power the IC and 5V as the
main supply for conversion.
The CS5158 is specifically designed
to power Pentium® II processors
and other high performance core
logic. It includes the following fea-
tures: on board, 5-Bit DAC, short
circuit protection, 0.8% output tol-
erance for the 01111 DAC code
(1.3V) and 1% for the remaining
DAC codes, VCC monitor, and pro-
grammable soft start capability. The
CS5158 is available in 16 pin surface
mount.
0.33µF
VID0
VID1
VID2
VID3
VID0
VID1
VID2
VID3
VCC1
SS
CS5158
COFF
LGnd
VFB
VFFB
COMP
IRL3103
IRL3103
0.1µF
12V
5V
2µH
1.3V to 3.5V @ 13A
VCC2
VGATE(H)
VGATE(L)
PGnd
1200µF/10V x 3
AlEl
3.3k
0.1µF
1200µF/10V x 5
AlEl
100pF
330pF
VID4
VID4


Similar Part No. - CS5158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158GD16 ONSEMI-CS5158GD16 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158GDR16 ONSEMI-CS5158GDR16 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
More results

Similar Description - CS5158

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com