Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165 Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 17Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Figure 18: Gate drive waveforms depicting rail to rail swing.
Figure 19: Normal Operation showing the guaranteed Non-Overlap
time between the High and Low - Side MOSFET Gate Drives, ILOAD =
14A.
The CS5165 provides adaptive control of the external NFET
conduction times by guaranteeing a typical 65ns non-over-
lap between the upper and lower MOSFET gate drive puls-
es. This feature eliminates the potentially catastrophic
effect of “shoot-through current”, a condition during
which both FETs conduct causing them to overheat, self-
destruct, and possibly inflict irreversible damage to the
processor.
The most important aspect of FET performance is RDSON,
which effects regulator efficiency and FET thermal man-
agement requirements.
The power dissipated by the MOSFETs may be estimated
as follows:
Switching MOSFET:
Power = ILOAD2 × RDSON × duty cycle
Synchronous MOSFET:
Power = ILOAD2 × RDSON × (1 - duty cycle)
Duty Cycle =
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF = COFF × 4848.5
The preceding equation for Duty Cycle can also be used to
calculate the regulator switching frequency and select the
COFF timing capacitor:
COFF =
where
period =
Schottky Diode for Synchronous FET
For synchronous operation, A Schottky diode may be
placed in parallel with the synchronous FET to conduct the
inductor current upon turn off of the switching FET to
improve efficiency. The CS5165 reference circuit does not
use this device due to its excellent design. Instead, the
body diode of the synchronous FET is utilized to reduce
cost and conducts the inductor current. For a design oper-
ating at 200kHz or so, the low non-overlap time combined
with Schottky forward recovery time may make the bene-
fits of this device not worth the additional expense. The
power dissipation in the synchronous MOSFET due to
body diode conduction can be estimated by the following
equation:
Power = Vbd × ILOAD × conduction time × switching fre-
quency
Where Vbd = the forward drop of the MOSFET body diode.
For the CS5165 demonstration board:
Power = 1.6V × 14.2A × 100ns × 200kHz = 0.45W
This is only 1.1% of the 40W being delivered to the load.
1
switching frequency
Period × (1-Duty Cycle)
4848.5
VOUT + (ILOAD × RDSON OF SYNCH FET)
VIN + (ILOAD × RDSON OF SYNCH FET) - (ILOAD × RDSON OF SWITCH FET)
Trace 1 - GATE(H) (5V/div)
Trace 2 - GATE(L) (5V/div)
Trace 3 = GATE(H) (10V/div.)
Trace 1= GATE(H) - 5VIN
Trace 4 = GATE(L) (10V/div.)
Trace 2 = Inductor Switching Node (5V/div.)
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com