Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5165 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 8V < VCC < 14V;
2.8V DAC Code (VID4=VID2=VID1=VID0=1, VID3= 0), CGATE(H) = CGATE(L) = 3.3nF, COFF = 330pF, CSS= 0.1µF; Unless otherwise stated.
s
Voltage Identification DAC
Accuracy (all codes except 11111)
Measure VFB = COMP (COFF = 0V)
-1
+1
%
VID4 VID3 VID2 VID1 VID0
25˚C ≤ TJ ≤ 125˚C; VCC = 12V
1
0
0
0
0
3.505
3.540
3.575
V
1
0
0
0
1
3.406
3.440
3.474
V
1
0
0
1
0
3.307
3.340
3.373
V
1
0
0
1
1
3.208
3.240
3.272
V
1
0
1
0
0
3.109
3.140
3.171
V
1
0
1
0
1
3.010
3.040
3.070
V
1
0
1
1
0
2.911
2.940
2.969
V
1
0
1
1
1
2.812
2.840
2.868
V
1
1
0
0
0
2.713
2.740
2.767
V
1
1
0
0
1
2.614
2.640
2.666
V
1
1
0
1
0
2.515
2.540
2.565
V
1
1
0
1
1
2.416
2.440
2.464
V
1
1
1
0
0
2.317
2.340
2.363
V
1
1
1
0
1
2.218
2.240
2.262
V
1
1
1
1
0
2.119
2.140
2.161
V
0
0
0
0
0
2.069
2.090
2.111
V
0
0
0
0
1
2.020
2.040
2.060
V
0
0
0
1
0
1.970
1.990
2.010
V
0
0
0
1
1
1.921
1.940
1.959
V
0
0
1
0
0
1.871
1.890
1.909
V
0
0
1
0
1
1.822
1.840
1.858
V
0
0
1
1
0
1.772
1.790
1.808
V
0
0
1
1
1
1.723
1.740
1.757
V
0
1
0
0
0
1.673
1.690
1.707
V
0
1
0
0
1
1.624
1.640
1.656
V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
PWM Comparator: continued
Minimum Pulse Width
Drive VFB 1.2 to 5V upon
50
150
250
ns
(Blanking Time)
GATE(H) rising edge (> VCC -1V),
measure GATE(H ) pulse width
s
COFF
Normal Off-Time
VFB = 2.7V
1.0
1.6
2.3
µs
Extended Off-Time
VSS = VFB = 0V
5.0
8.0
12.0
µs
s
Time-Out Timer
Time-Out Time
VFB = 2.7V, Measure
GATE(H ) Pulse Width
10
30
50
µs
Fault Duty Cycle
VFB = 0V
30
50
70
%
s
Enable Input
ENABLE Threshold
GATE(H) Switching
0.8
1.15
1.30
V
Shutdown delay (Note 1)
ENABLE-to-GATE(H) < 2V
3
µs
Pull-up Current
ENABLE = 0V
3
7
15
µA
Pull-up Voltage
No load on ENABLE pin
1.30
1.8
3
V
Input Resistance
ENABLE = 5V,
R = (5V-VPULLUP)/IENABLE
10
20
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com