Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165H Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5165H
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165H Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5165H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Block Diagram
Q
VID1
ENABLE
SS
VID0
VCC
VGATE(H)
PGnd
VGATE(L)
VID2
VID3
COFF
Maximum
On-Time
Timeout
VCC
R
Q
S
COFF
One Shot
SS High
Comparator
FAULT
Latch
2.5V
Error Amplifier
7µA
VID4
-
+
-
+
-
+
VFB Low
Comparator
PWM
Comparator
SS Low
Comparator
R
Q
S
Q
R
Q
S
2µA
5V
60µA
Normal
Off-Time
Extended
Off-Time
Timeout
Time Out
Timer
(30µs)
Edge Triggered
Off-Time
Timeout
1.25V
FAULT
GATE(H) = ON
GATE(H) = OFF
PGnd
PWM
Latch
0.7V
COMP
Enable
Comparator
-
+
LGnd
VFB
1V
-
+
PWRGD
65µs
Delay
-
-
PWM Comp
Blanking
-
Circuit Bias
VCC Monitor
5 BIT
DAC
3.87V
3.95V
20k
-8.5%
+8.5%
FAULT
-
+
VCC
6
THRESHOLD ACCURACY
LOWER THRESHOLD
UPPER THRESHOLD
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
% of Nominal DAC Output
-12
-8.5
-5
5
8.5
12
%
s
DAC CODE
VID4 VID3 VID2 VID1 VID0
0
1
0
0
0
1.487
1.546
1.606
1.775
1.834
1.893
V
0
1
0
0
1
1.443
1.501
1.558
1.722
1.779
1.837
V
0
1
0
1
0
1.399
1.455
1.511
1.670
1.725
1.781
V
0
1
0
1
1
1.355
1.409
1.463
1.617
1.671
1.724
V
0
1
1
0
0
1.311
1.363
1.416
1.565
1.617
1.669
V
0
1
1
0
1
1.267
1.318
1.368
1.512
1.562
1.613
V
0
1
1
1
0
1.223
1.272
1.321
1.460
1.508
1.557
V
0
1
1
1
1
1.179
1.226
1.273
1.407
1.454
1.501
V
1
1
1
1
1
1.097
1.141
1.185
1.309
1.353
1.397
V
Note 1: Guaranteed by design, not 100% tested in production.
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 8V < VCC < 20V; 2.8V DAC Code (VID4=VID2=VID1=VID0=1, VID3= 0),
CGATE(H) = CGATE(L) = 3.3nF, COFF = 330pF, CSS= 0.1µF; Unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com