Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165H Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5165H
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165H Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5165H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THRESHOLD ACCURACY
LOWER THRESHOLD
UPPER THRESHOLD
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
% of Nominal DAC Output
-12
-8.5
-5
5
8.5
12
%
s
DAC CODE
VID4 VID3 VID2 VID1 VID0
1
0
0
0
0
3.115
3.239
3.363
3.717
3.841
3.965
V
1
0
0
0
1
3.027
3.148
3.268
3.612
3.732
3.853
V
1
0
0
1
0
2.939
3.056
3.173
3.507
3.624
3.741
V
1
0
0
1
1
2.851
2.965
3.078
3.402
3.515
3.629
V
1
0
1
0
0
2.763
2.873
2.983
3.297
3.407
3.517
V
1
0
1
0
1
2.675
2.782
2.888
3.192
3.298
3.405
V
1
0
1
1
0
2.587
2.690
2.793
3.087
3.190
3.293
V
1
0
1
1
1
2.499
2.599
2.698
2.982
3.081
3.181
V
1
1
0
0
0
2.411
2.507
2.603
2.877
2.973
3.069
V
1
1
0
0
1
2.323
2.416
2.508
2.772
2.864
2.957
V
1
1
0
1
0
2.235
2.324
2.413
2.667
2.756
2.845
V
1
1
0
1
1
2.147
2.233
2.318
2.562
2.647
2.733
V
1
1
1
0
0
2.059
2.141
2.223
2.457
2.539
2.621
V
1
1
1
0
1
1.971
2.050
2.128
2.352
2.430
2.509
V
1
1
1
1
0
1.883
1.958
2.033
2.250
2.322
2.397
V
0
0
0
0
0
1.839
1.912
1.986
2.195
2.268
2.341
V
0
0
0
0
1
1.795
1.867
1.938
2.142
2.213
2.285
V
0
0
0
1
0
1.751
1.821
1.810
2.090
2.159
2.229
V
0
0
0
1
1
1.707
1.775
1.843
2.037
2.105
2.173
V
0
0
1
0
0
1.663
1.729
1.796
1.985
2.051
2.117
V
0
0
1
0
1
1.619
1.684
1.748
1.932
1.996
2.061
V
0
0
1
1
0
1.575
1.638
1.701
1.880
1.942
2.005
V
0
0
1
1
1
1.531
1.592
1.653
1.827
1.888
1.949
V
VID4VID3 VID2 VID1 VID0
0
1
0
1
0
1.574
1.590
1.606
V
0
1
0
1
1
1.525
1.540
1.555
V
0
1
1
0
0
1.475
1.490
1.505
V
0
1
1
0
1
1.426
1.440
1.455
V
0
1
1
1
0
1.376
1.390
1.405
V
0
1
1
1
1
1.327
1.340
1.353
V
1
1
1
1
1
1.223
1.247
1.273
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.000
1.250
2.400
V
Input Pull-up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
kΩ
Input Pull-up Voltage
4.85
5.00
5.15
V
s
Power Good Output
Low to High Delay
VFB = (0.8 × VDAC) to VDAC
30
65
110
µs
High to Low Delay
VFB = VDAC to (0.8 × VDAC)
30
75
120
µs
Output Low Voltage
VFB = 2.4V, IPWRGD = 500µA
0.2
0.3
V
Sink Current Limit
VFB = 2.4V, PWRGD = 1V
0.5
4.0
15.0
mA
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 8V < VCC < 20V; 2.8V DAC Code (VID4=VID2=VID1=VID0=1, VID3= 0),
CGATE(H) = CGATE(L) = 3.3nF, COFF = 330pF, CSS= 0.1µF; Unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com