Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10ZG-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N10ZG-TN3-R
Description  7A, 100V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N10ZG-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N10ZG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N10ZG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N10ZG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N10ZG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N10ZG-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N10Z
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-762.A
7A, 100V N-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC 7N10Z is an N-Channel enhancement mode power
MOSFET providing customers with excellent switching performance
and minimum on-state resistance. The UTC 7N10Z uses planar
stripe and DMOS technology to provide perfect quality. This device
can also withstand high energy pulse in the avalanche and the
commutation mode.
The UTC 7N10Z is generally applied in low voltage applications,
such as DC motor controls, audio amplifiers and high efficiency
switching DC/DC converters.
FEATURES
* Low Gate Charge: 5.8nC (TYP.)
* Low CRSS: 10 pF (TYP.)
* RDS(ON) = 0.35Ω @VGS = 10 V
* Fast Switching
* Improved dv/dt Capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N10ZL-TN3-R
7N10ZG-TN3-R
TO-252
G
D
S
Tape Reel
7N10ZL-TN3-T
7N10ZG-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 7N10ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N10ZG-TN3-R UTC-7N10ZG-TN3-R Datasheet
243Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N10ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
logo
Unisonic Technologies
7N10 UTC-7N10_12 Datasheet
224Kb / 6P
7A, 100V N-CHANNEL POWER MOSFET
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
7A, 500V N-CHANNEL POWER MOSFET
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
7N70_1109 UTC-7N70_1109 Datasheet
387Kb / 7P
7A, 700V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Rohm
RS3P070AT ROHM-RS3P070AT Datasheet
2Mb / 14P
Pch -100V -7A Power MOSFET
20221229 - Rev.002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com