Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 16 Page - Cherry Semiconductor Corporation

Part # CS5166
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166 Datasheet(HTML) 16 Page - Cherry Semiconductor Corporation

Back Button CS5166 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 20Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Maximum Current Limit Setpoint
ICL(MAX) = VTRIP(MAX) / RSENSE(MAX)
Therefore,
ICL(MAX) = 135mV / 3.18mΩ × 0.71 = 60A
Therefore, the range of load currents that will cause the
internal current sense comparator to detect an overload
condition through a 3mΩ embedded PCB trace is: 14.2A <
ICL 60A, with 28.6A being the nominal overload condition.
Design Rules for Using a Droop Resistor
The basic equation for laying an embedded resistor is:
RAR = ρ ×
or R = ρ ×
where:
A= W × t = cross-sectional area
ρ= the copper resistivity (µΩ - mil)
L= length (mils)
W = width (mils)
t = thickness (mils)
For most PCBs the copper thickness, t, is 35µm (1.37 mils)
for one ounce copper. ρ = 717.86µΩ-mil
For a Pentium®II load of 14.2A the resistance needed to
create a 43mV drop at full load is:
RDROOP =
=
= 3.0mΩ
The resistivity of the copper will drift with the temperature
according to the following guidelines:
∆R = 12% @ TA = +50˚C
∆R = 34% @TA = +100˚C
Droop Resistor Width Calculations
The droop resistor must have the ability to handle the load
current and therefore requires a minimum width which is
calculated as follows (assume one ounce copper thickness):
43mV
14.2A
43mV
IOUT
L
(W × t)
L
A
Application Information: continued
VID1
VID4
VID3
VID2
COMP
IRL3103S
12V
5V
1.2µH
GATE(H)
GATE(L)
PGnd
1200µF/10V x 3
1µF
SS
LGnd
330pF
0.1µF
VID0
1200µF
10V x 5
CS5166
VFB
COFF
VCC
PWRGD
ISENSE
3.0mΩ
1000pF
510
3.3K
0.1µF
0.1µF
VID1
VID4
VID3
VID2
COMP
IRL3103S
12V
5V
1.2µH
GATE(H)
GATE(L)
PGnd
1200µF/10V x 3
1µF
SS
LGnd
330pF
VID0
CS5166
VFB
COFF
VCC
ISENSE
3.0mΩ
1000pF
510
3.3K
0.1µF
0.1µF
VID0
PWRGD
VID3
VID4
VID2
VID1
2.8V/30A
Power
Supply
IRL3103S
IRL3103S
Figure 23: Current sharing of a 2.8V/30A power supply using two CS5166 synchronous buck regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com