Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5166
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5166 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5166 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THRESHOLD ACCURACY
LOWER THRESHOLD
UPPER THRESHOLD
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
% of Nominal VID Code
-12
-8.5
-5
5
8.5
12
%
s
DAC CODE
VID4 VID3 VID2 VID1 VID0
1
0
0
0
0
3.102
3.225
3.348
3.701
3.824
3.948
V
1
0
0
0
1
3.014
3.133
3.253
3.596
3.716
3.836
V
1
0
0
1
0
2.926
3.042
3.158
3.491
3.607
3.724
V
1
0
0
1
1
2.838
2.950
3.063
3.386
3.499
3.612
V
1
0
1
0
0
2.750
2.859
2.968
3.281
3.390
3.500
V
1
0
1
0
1
2.662
2.767
2.873
3.176
3.282
3.388
V
1
0
1
1
0
2.574
2.676
2.778
3.071
3.173
3.276
V
1
0
1
1
1
2.486
2.584
2.683
2.966
3.065
3.164
V
1
1
0
0
0
2.398
2.493
2.588
2.861
2.956
3.052
V
1
1
0
0
1
2.310
2.401
2.493
2.756
2.848
2.940
V
1
1
0
1
0
2.222
2.310
2.398
2.651
2.739
2.828
V
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 8V < VCC < 14V; 2.0V DAC Code
(VID4 = VID3 = VID2 = VID1 =0, VID0 = 1), CGATE(H) = CGATE(L) = 3.3nF, COFF = 330pF, CSS= 0.1µF; Unless otherwise stated.
Accuracy (all codes except 11111) Measure VFB = COMP, (COFF = Gnd)
-1.0
1.0
%
VID4 VID3 VID2 VID1VID0
0
0
1
0
0
1.856
1.875
1.893
V
0
0
1
0
1
1.806
1.825
1.843
V
0
0
1
1
0
1.757
1.775
1.792
V
0
0
1
1
1
1.707
1.725
1.742
V
0
1
0
0
0
1.658
1.675
1.691
V
0
1
0
0
1
1.608
1.625
1.641
V
0
1
0
1
0
1.559
1.575
1.590
V
0
1
0
1
1
1.509
1.525
1.540
V
0
1
1
0
0
1.460
1.475
1.489
V
0
1
1
0
1
1.410
1.425
1.439
V
0
1
1
1
0
1.361
1.375
1.388
V
0
1
1
1
1
1.311
1.325
1.338
V
1
1
1
1
1
1.219
1.247
1.269
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.0
1.25
2.4
V
Input Pull-up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
kΩ
Input Pull-up Voltage
4.85
5.00
5.15
V
s
Power-Good Output
Low to High Delay
VFB = (0.8 × VDAC ) to VDAC
30
65
110
µs
High to Low Delay
VFB = VDAC to (0.8 × VDAC )
30
75
120
µs
Output Low Voltage
VFB = 2.4V, IPWRGD = 500µA
0.2
0.3
V
Sink Current Limit
VFB = 2.4V, PWRGD = 1V
0.5
4.0
15.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com