Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5166H
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166H Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5166H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
THRESHOLD ACCURACY
LOWER THRESHOLD
UPPER THRESHOLD
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Block Diagram
Q
VID1
SS
VID0
VCC
VGATE(H)
PGnd
VGATE(L)
VID2
VID3
COFF
Maximum
On-Time
Timeout
VCC
R
Q
S
COFF
One Shot
SS High
Comparator
FAULT
Latch
2.5V
ERROR AMPLIFIER
30µA
VID4
-
+
-
+
-
+
PWM
COMPARATOR
SS Low
Comparator
R
Q
S
Q
R
Q
S
2µA
5V
60µA
Normal
Off-Time
Extended
Off-Time
Timeout
Time Out
Timer
Edge Triggered
Off-Time
Timeout
FAULT
GATE(H) = ON
GATE(H) = OFF
PGnd
PWM
Latch
0.7V
COMP
-
+
LGnd
VFB
PWRGD
65µS
Delay
-
-
PWM Comp
Blanking
-
VCC Monitor
5 BIT
DAC
-8.5%
+8.5%
FAULT
ISENSE
COMPARATOR
76mV
VCC
ISENSE
-
+
VFB LOW COMPARATOR
-
+
1V
3.87V
3.95V
6
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 8V < VCC < 20V; 2.0V DAC Code (VID4 = VID3 = VID2 =
VID1 =0, VID0 = 1), CGATE(H) = CGATE(L) = 3.3nF, COFF = 330pF, CSS= 0.1µF; Unless otherwise stated.
% of Nominal VID Code
-12
-8.5
-5
5
8.5
12
%
s
DAC CODE
VID4 VID3 VID2 VID1 VID0
1
1
0
1
1
2.134
2.218
2.303
2.546
2.631
2.716
V
1
1
1
0
0
2.046
2.127
2.208
2.441
2.522
2.604
V
1
1
1
0
1
1.958
2.035
2.113
2.336
2.414
2.492
V
1
1
1
1
0
1.870
1.944
2.018
2.231
2.305
2.380
V
0
0
0
0
0
1.826
1.898
1.971
2.178
2.251
2.324
V
0
0
0
0
1
1.782
1.8520
1.923
2.126
2.197
2.268
V
0
0
0
1
0
1.738
1.807
1.876
2.073
2.142
2.212
V
0
0
0
1
1
1.694
1.761
1.828
2.021
2.088
2.156
V
0
0
1
0
0
1.650
1.715
1.781
1.968
2.034
2.100
V
0
0
1
0
1
1.606
1.669
1.733
1.916
1.980
2.044
V
0
0
1
1
0
1.562
1.624
1.686
1.863
1.925
1.988
V
0
0
1
1
1
1.518
1.578
1.638
1.811
1.871
1.932
V
0
1
0
0
0
1.474
1.532
1.591
1.758
1.817
1.876
V
0
1
0
0
1
1.430
1.486
1.543
1.706
1.763
1.820
V
0
1
0
1
0
1.386
1.441
1.496
1.653
1.708
1.764
V
0
1
0
1
1
1.342
1.395
1.448
1.601
1.654
1.708
V
0
1
1
0
0
1.298
1.349
1.401
1.548
1.600
1.652
V
0
1
1
0
1
1.254
1.303
1.353
1.496
1.546
1.596
V
0
1
1
1
0
1.210
1.258
1.306
1.443
1.491
1.540
V
0
1
1
1
1
1.166
1.212
1.258
1.391
1.437
1.484
V
1
1
1
1
1
1.094
1.138
1.181
1.306
1.349
1.393
V
Note 1: Guaranteed by design, not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com