Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5166H
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166H Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5166H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5166H Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings
Pin Symbol
Pin Name
VMAX
VMIN
ISOURCE
ISINK
2
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Package Pin Description
VCC
IC Power Input
20V
-0.3V
N/A
1.5A Peak 200mA DC
SS
Soft Start Capacitor
6V
-0.3V
200µA
10µA
COMP
Compensation Capacitor
6V
-0.3V
10mA
1mA
VFB
Voltage Feedback and Current
6V
-0.3V
1mA
1mA
Sense Comparator Input
COFF
Off-Time Capacitor
6V
-0.3V
1mA
50mA
VID0-4
Voltage ID DAC Inputs
6V
-0.3V
1mA
10µA
GATE(H)
High-Side FET Driver
20V
-0.3V
1.5A Peak
1.5A Peak
200mA DC
200mA DC
GATE(L)
Low-Side FET Driver
20V
-0.3V
1.5A Peak
1.5A Peak
200mA DC
200mA DC
ISENSE
Current Sense Comparator Input
6V
-0.3V
1mA
1mA
PWRGD
Power-Good Output
6V
-0.3V
10µA
30mA
PGnd
Power Ground
0V
0V
1.5A Peak
N/A
200mA DC
LGnd
Logic Ground
0V
0V
100mA
N/A
1,2,3,4,6
VIDO – VID4
Voltage ID DAC inputs. These pins are internally pulled up to 5V if left
open. VID4 selects the DAC range. When VID4 is high (logic one), the
Error Amp reference range is 2.125V to 3.525V with 100mV increments.
When VID4 is low (logic zero), the Error amp reference voltage is 1.325V
to 2.075V with 50mV increments.
5
SS
Soft Start Pin. A capacitor from this pin to LGnd sets the Soft Start and
fault timing.
7COFF
Off-Time Capacitor Pin. A capacitor from this pin to LGnd sets both the
normal and extended off time.
8ISENSE
Current Sense Comparator Inverting Input
9VCC
Input Power Supply Pin.
10
GATE(H)
High Side Switch FET driver pin.
11
PGnd
High Current ground for the GATE(H) and GATE(L) pins.
12
GATE(L)
Low Side Synchronous FET driver pin.
13
PWRGD
Power-Good Output. Open collector output drives low when VFB is out
of regulation.
14
LGnd
Reference ground. All control circuits are referenced to this pin.
15
COMP
Error Amp output. PWM Comparator reference input. A capacitor to
LGnd provides Error Amp compensation.
16
VFB
Error Amp, PWM Comparator feedback input, Current Sense
Comparator Non-Inverting input, and PWRGD comparator input.
Operating Junction Temperature, TJ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0° to 150°C
Lead Temperature Soldering:
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Sec max. above 183˚C, 230˚C Peak
Storage Temperature Range, TS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com