Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166HGDWR16 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5166HGDWR16
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166HGDWR16 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5166HGDWR16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VID0
PWRGD
VID1
VID4
VID3
VID4
VID3
VID2
COMP
12V
5V
1.2µH
GATE(H)
GATE(L)
PGnd
1200µF/10V x 3
1µF
SS
LGnd
330pF
0.1µF
VID0
1200µF
10V x 5
VID2
VID1
Pentium® II
System
CS5166H
VFB
COFF
VCC
PWRGD
ISENSE
3.0mΩ
1000pF
510
3.3K
0.1µF
0.1µF
Features
s V2
TM Control Topology
s Dual N-Channel Design
s 125ns Controller Transient Response
s Excess of 1Mhz Operation
s 5-bit DAC with 1% Tolerance
s Power-Good Output with Internal
Delay
s Adjustable Hiccup Mode Over
Current Protection
s Complete Pentium®II System
Requires just 21 Components
s 5V and 12V Operation using either
Dual or Single Supplies
s Adaptive Voltage Positioning
s Remote Sense Capability
s Current Sharing Capability
s VCC Monitor
s Overvoltage Protection (OVP)
s Programmable Soft Start
s 200ns PWM Blanking
s 65ns FET Non-Overlap
s 40ns Gate Rise and Fall Times
(3.3nF load)
Package Options
5-Bit Synchronous CPU Controller
with Power-Good and Current Limit
CS5166H
Description
The CS5166H is a synchronous
dual NFET Buck Regulator
Controller. It is designed to pow-
er the core logic of the latest high
performance CPUs. It uses the
V2
TM control method to achieve
the fastest possible transient
response and best overall regula-
tion. It incorporates many addi-
tional features required to ensure
the proper operation and protec-
tion of the CPU and power sys-
tem. The CS5166H provides the
industry’s most highly integrat-
ed solution, minimizing external
component count, total solution
size, and cost.
The CS5166H is specifically
designed to power Intel’s
Pentium® II processor and
includes the following features:
5-bit DAC with 1% tolerance,
Power-Good output, adjustable
hiccup mode over-current pro-
tection, VCC monitor, Soft Start,
adaptive voltage positioning,
over-voltage protection, remote
sense and current sharing capa-
bility.
The CS5166H will operate over a
4.15 to 20V range using either
single or dual input voltage and
is available in a 16 lead wide
body surface mount package.
Application Diagram
1
16 Lead SO WIDE
VID0
VID1
VID2
VID3
ISENSE
COFF
SS
VID4
VFB
COMP
LGnd
PWRGD
GATE(L)
PGnd
GATE(H)
VCC
Pentium is a registered trademark of Intel Corporation.
5V to 2.8V @ 14.2A for 300MHz Pentium® II
1
V2 is a trademark of Switch Power, Inc.
Rev. 6/28/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Similar Part No. - CS5166HGDWR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5166HGDWR16 ONSEMI-CS5166HGDWR16 Datasheet
910Kb / 25P
5?묪it Synchronous CPU Controller with Power Good
July, 2006 ??Rev. 3
More results

Similar Description - CS5166HGDWR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 2/16/99
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
ON Semiconductor
CS5166H ONSEMI-CS5166H Datasheet
910Kb / 25P
5?묪it Synchronous CPU Controller with Power Good
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com