Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166HGDWR16 Datasheet(PDF) 21 Page - Cherry Semiconductor Corporation

Part # CS5166HGDWR16
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166HGDWR16 Datasheet(HTML) 21 Page - Cherry Semiconductor Corporation

Back Button CS5166HGDWR16 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 22Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
3mΩ
+12V
+12V
1000pf
0.1µF
0.1µF
IRL3103S
IRL3103S
1.2µH
1200µF/10V
x5
1µF
1N5818
0.1µF
x3
1200µF/16V
1000pF
1N5818
Droop Resistor
(Embedded PCB trace)
18V 1N4746
3.3K
CS5166H
VID0
VID1
VID2
VID3
COFF
SS
COMP
LGND
ISENSE
GATEH
GATEL
VFB
PGND
VCC
PWRGD
VID4
VCC
VSS
PWRGD
PENTIUM® II
SYSTEM
VID0
VID1
VID2
VID3
VID4
18Ω
0.1µF
510
+5V
CS5166H
VID0
MBRS120
MBRS120
1µF
IRL3103S
1.2µH
3.3K
1000pF
1200µF/10V
1200uF/10V
1µF
0.1µF
0.1µF
330pF
Vcc
Vss
PWRGD
PENTIUM®II
SYSTEM
VID0
VID1
VID2
VID3
VID4
x5
x3
3mΩ
LGND
VID4
VID1
VID2
VID3
COFF
SS
COMP
VGATEH
VGATEL
PGND
VFB
VCC
PWRGD
ISENSE
Droop Resistor
(Embedded PCB trace)
IRL3103S
0.1µF
510
MBRS120
Figure 35: +12V to +2.8V @ 14.2A for 300 MHz Pentium®II.
Figure 36: +5V to +2.8V @ 14.2A for 300 MHz Pentium®II.
Additional Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com