Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-3GDPR3 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5201-3GDPR3
Description  1A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-3GDPR3 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5201-3GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
10
mF
5V
3.3V
@ 1A
22
mF
5V
VOUT
CS5201-3
VIN
GND
s
Output Current to 1A
s
Output Accuracy to ±1.5%
Over Temperature
s
Dropout Voltage (typical)
1.0V @ 1A
s
Fast Transient Response
s
Fault Protection
Current Limit
Thermal Shutdown
Package Options
3L TO-220
Tab (VOUT)
1A, 3.3V Fixed Linear Regulator
1
CS5201-3
Application Diagram
CS5201 -3
1
Gnd
2VOUT (Tab)
3VIN
Description
3L D2PAK
Tab (VOUT)
1
Consult factory for other fixed output
voltage versions.
The CS5201-3 linear regulator
provides a 1A@ 3.3V reference
at 1A with an output voltage
accuracy of ±1.5%.
This regulator is intended for
use as a post regulator and
microprocessor supply. The fast
loop response and low dropout
voltage make this regulator
ideal for applications where low
voltage operation and good
transient response are impor-
tant.
The circuit is designed to oper-
ate with dropout voltages less
than 1.2V at 1A output current.
The maximum quiescent current
is only 10mA at full load.
Device protection includes over-
current and thermal shutdown.
The CS5201-3 is pin compatible
with the LT1086 family of linear
regulators.
The regulator is available in
TO-220, surface mount D2, and
SOT-223 packages.
1
3L SOT-223
Tab (VOUT)
Rev. 2/18/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS5201-3GDPR3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5201-3GDPR3 ONSEMI-CS5201-3GDPR3 Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5201-3GDPR3G ONSEMI-CS5201-3GDPR3G Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
More results

Similar Description - CS5201-3GDPR3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS5203-3 CHERRY-CS5203-3 Datasheet
143Kb / 6P
3A, 3.3V Fixed Linear Regulator
Rev. 6/3/98
CS5207-3 CHERRY-CS5207-3 Datasheet
150Kb / 5P
7A, 3.3V Fixed Linear Regulator
Rev. 10/2/97
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com