Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-3GDPR3 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5201-3GDPR3
Description  1A, 3.3V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-3GDPR3 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5201-3GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-3GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Characteristics
IOUT (mA)
0.90
0.75
0.85
0.95
1.00
0.80
0
200
400
600
800
1000
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C
0
10
130
-0.12
0.10
TJ (°C)
20
30
40
50
60
70
80
90 100 110 120
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
0.025
0.000
0.050
0.075
0.100
01
2
Output Current (A)
T
CASE = 0°C
T
CASE = 125°C
T
CASE = 25°C
Dropout Voltage vs. Output Current
Output Voltage vs. Temperature
Load Regulation vs. Output Current
Block Diagram
Error
Amplifier
+
Output
Current
Limit
-
VIN
VOUT
Thermal
Shutdown
Bandgap
Reference
Gnd
15
101
Frequency (Hz)
25
35
45
55
65
75
85
102
103
104
105
106
TCASE = 25°C
IOUT = 1A
(VIN Ð VOUT) = 3V
VRIPPLE = 1.0VPP
Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com