Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-1GDPR3 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5205-1GDPR3
Description  5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205-1GDPR3 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS5205-1GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Part Number
Type
Description
CS5205-1GT3
5A, adj. output
3 L TO-220 Straight
CS5205-1GDP3
5A, adj. output
3 L D2PAK
CS5205-1GDPR3
5A, adj. output
3 L D2PAK
(tape & reel)
CS5205-3GT3
5A, 3.3V output 3 L TO-220 Straight
CS5205-3GDP3
5A, 3.3V output 3 L D2PAK
CS5205-3GDPR3
5A, 3.3V output 3 L D2PAK
(tape & reel)
CS5205-5GT3
5A, 5V output
3 L TO-220 Straight
Ordering Information
Rev. 6/12/97
Package Specification
PACKAGE DIMENSIONS IN mm(INCHES)
Thermal Data
3L
3L
TO-220
D2PAK
RQJC
typ
1.6
1.6
ûC/W
RQJA
typ
50
10 - 50*
ûC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com