Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-1GDPR3 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5205-1GDPR3
Description  5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205-1GDPR3 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5205-1GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5205-1GDPR3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
The CS5205-X family of linear regulators provide fixed or
adjustable voltages at currents up to 5A. The regulators
are protected against short circuit, and include thermal
shutdown and safe area protection (SOA) circuitry. The
SOA protection circuitry decreases the maximum avail-
able output current as the input-output differential volt-
age increases.
The CS5205-X has a composite PNP-NPN output transistor
and requires an output capacitor for stability. A detailed
procedure for selecting this capacitor is included in the
Stability Considerations section.
The adjustable regulator (CS5205-1) has an output voltage
range of 1.25V to 13V. An external resistor divider sets the
output voltage as shown in Figure 1. The regulator main-
tains a fixed 1.25V (typical) reference between the output
pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed cur-
rent to flow to ground. This current creates a voltage
across R2 that adds to the 1.25V across R1 and sets the
overall output voltage. The adjust pin current (typically
50µA) also flows through R2 and adds a small error that
should be taken into account if precise adjustment of VOUT
is necessary.
The output voltage is set according to the formula:
VOUT = VREF ´
() + IAdj ´ R2
The term IAdj ´ R2 represents the error added by the adjust
pin current.
R1 is chosen so that the minimum load current is at least
10mA. R1 and R2 should be the same type, e.g. metal film
for best tracking over temperature. The adjust pin is
bypassed to improve the transient response and ripple
rejection of the regulator.
Figure 1. Resistor divider scheme for the adjustable version.
VOUT
VIN
CS5205-1
VIN
Adj
R1
R2
C1
VOUT
C2
VREF
IAdj
CAdj
R1 + R2
R1
Adjustable Operation
Applications Information
Typical Performance Characteristics: continued
020
30
40
50
60
40.0
Temperature (
°C)
80
45.0
50.0
55.0
60.0
65.0
70.0
90
100
10
70
110 120 130
IO = 10mA
0.0
101
Frequency (Hz)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
102
103
104
105
TCASE = 25°C
IOUT = 5A
(VIN Ð VOUT) = 3V
VRIPPLE = 1.6VPP
0.0
101
Frequency (Hz)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
102
103
104
105
TCASE = 25°C
IOUT = 5A
(VIN Ð VOUT) = 3V
VRIPPLE = 1.6VPP
CAdj = 25mF
Adjust Pin Current vs. Temperature
Ripple Rejection vs. Frequency (Fixed Versions)
Ripple Rejection vs. Frequency (Adjustable Version)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com