Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52845 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS52845
Description  Current Mode PWM Control Circuit with 50% Max Duty Cycle
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52845 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS52845 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52845 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52845 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52845 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52845 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52845 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The CS52845 provides all the nec-
essary features to implement off-
line fixed frequency current-mode
control with a minimum number
of external components.
The CS52845 incorporates a new
precision temperature-controlled
oscillator to minimize variations in
frequency. An internal toggle flip-
flop, which blanks the output
every other clock cycle, limits the
duty-cycle range to less than 50%.
An undervoltage lockout ensures
that VREF is stabilized before the
output stage is enabled. In the
CS52845 turn on is at 8.4V and
turn off at 7.6V.
Other features include low start-up
current, pulse-by-pulse current lim-
iting, and a high-current totem pole
output for driving capacitive loads,
such as gate of a power MOSFET.
The output is low in the off state,
consistent with N-channel devices.
1
Features
VCC
Gnd
COMP
OSC
Sense
VREF
VREF
Undervoltage
Lockout
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sensing
Comparator
R
2 R
1V
Error
Amplifier
-
+
2.50V
Set/
Reset
VCC Undervoltage Lock-out
34V
8.4V/7.6V
R
R
VFB
VCC Pwr
VOUT
Pwr Gnd
Oscillator
Toggle
Flip-Flop
5.0 Volt
Reference
s
Optimized for Off-line
Control
s
Temperature
Compensated Oscillator
s
50% Maximum Duty-cycle
Clamp
s
VREF Stabilized before
Output Stage is Enabled
s
Low Start-up Current
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
1% Trimmed Bandgap
Reference
s
High Current Totem Pole
Output
Package Options
Current Mode PWM Control Circuit
with 50% Max Duty Cycle
CS52845
Description
Block Diagram
Absolute Maximum Ratings
Supply Voltage (ICC<30mA) ..........................................................Self Limiting
Supply Voltage (Low Impedance Source)...................................................30V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, VSENSE)...........................................................-0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Reflow (SMD styles only) ...........60 sec. max above 183°C, 230°C peak
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14L SO Narrow
1
7
8
2
3
4
5
6
COMP
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8L SO Narrow
Rev. 3/4/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Similar Part No. - CS52845

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS52845ED14 ONSEMI-CS52845ED14 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS52845ED8 ONSEMI-CS52845ED8 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS52845EDR14 ONSEMI-CS52845EDR14 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS52845EDR8 ONSEMI-CS52845EDR8 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
More results

Similar Description - CS52845

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2844 CHERRY-CS2844 Datasheet
156Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/17/99
CS3845B CHERRY-CS3845B Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
ATMEL Corporation
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
PWM Power Control with Automatic Duty Cycle Reduction
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
PWM Power Control with Automatic Duty-cycle Reduction
logo
Texas Instruments
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com