Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5661 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5661
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5661 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5661 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
+
-
+
-
VREF
SYNC
Oscillator
Error
Amp 1
Error
Amp 2
Latching
PWM 2
Latching
PWM 1
VREF
Undervoltage
Lockout
5.0V Ref
VCC
Undervoltage
Lockout
VCC
VFB
1
COMP1
ENABLE2
VFB
2
COMP2
CT
RT
Gnd
Pwr Gnd
Sense2
VOUT
2
Sense1
VOUT
1
s
Oscillator has Precise
Duty Cycle
Limit and Frequency
Control
s
500kHz Current Mode
Operation
s
Automatic Feed Forward
Compensation
s
Separate Latching PWMs
for Cycle-By-Cycle
Current Limiting
s
Internally Trimmed
Reference with
Undervoltage Lockout
s
Switchable Second
Output
s
Two High Current Totem
Pole Outputs
s
Input Undervoltage
Lockout with Hysteresis
s
8.4V Start Up Voltage
Threshold
Package Options
16 Lead SO Wide
High Performance Dual Channel
Current Mode Controller with ENABLE
1
SYNC
2
3
4
5
6
7
8
CT
RT
VFB
1
COMP1
SENSE1
VOUT
1
Gnd
16
15
14
13
12
11
10
9
VCC
VREF
ENABLE2
VFB
2
COMP2
SENSE2
VOUT
2
Pwr Gnd
CS5661
Description
The CS5661 is a high performance,
fixed frequency, dual current mode
controller specifically designed for
Off-Line and DC to DC converter
applications. It offers the designer a
cost effective solution with minimal
external components. This integrat-
ed circuit features a unique oscilla-
tor for precise duty cycle limit and
frequency control, a temperature
compensated reference, two high
gain error amplifiers, two current
sensing comparators, and two high
current totem pole outputs ideally
suited for driving power MOSFETs.
VOUT2 output is switchable via the
ENABLE2 pin.
Also included are protective fea-
tures consisting of input and refer-
ence undervoltage lockouts, each
with hysteresis, cycle-by-cycle cur-
rent limiting, and a latch for single
pulse metering of each output.
The CS5661 is pin compatible with
the MC34065L.
Block Diagram
Rev. 2/2/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Similar Part No. - CS5661

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
CS5661EDW16 ONSEMI-CS5661EDW16 Datasheet
78Kb / 8P
High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
CS5661EDWR16 ONSEMI-CS5661EDWR16 Datasheet
78Kb / 8P
High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
More results

Similar Description - CS5661

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34065 ONSEMI-MC34065 Datasheet
494Kb / 15P
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
Cherry Semiconductor Co...
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 12/16/96
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
High Performance Dual Channel Current Mode Controller with ENABLE
Rev. 3/9/99
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
High Performance Current Mode Controller
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
High Performance Current Mode Controller
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com