Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5661 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5661
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5661 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5661 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5661 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Note 1: Maximum package power dissipation limits must be observed.
Note 2: Low duty cycle pulse techniques are used during test to maintain
junction temperature as close to ambient as possible:
Tlow = -40°C ; Thigh =+85°C
Note 3: This parameter is measured at latch trip point with VFB=0V.
Note 4: Comparator gain is defined as:
AV=
Note 5: These parameters are guaranteed by design but not 100% tested
in production.
∆V Compensation
∆V Current Sense
s
Current Sense Section
Current Sense Input
(Notes 3 and 4)
2.75
3.00
3.25
V/V
Voltage Gain
Maximum Current Sense
(Note 3)
0.9
1.0
1.1
V
Input Threshold
Input Bias Current
-2.0
-30.0
µA
Propagation Delay
Current Sense Input to Output (Note 5)
150
300
ns
s
Output 2 Enable Pin
Enable Pin Voltage
V
High State
OUTPUT2 enabled
3.5
VREF
V
Low State
OUTPUT2 disabled
0.0
1.5
V
Low State Input Current
VIL = 0V
100
250
400
µA
s
Drive Outputs
Output Voltage
Low State
ISINK = 20mA
0.1
0.4
V
ISINK = 200mA
1.6
2.5
V
High State
ISOURCE = 20mA
13.0
13.5
V
ISOURCE = 200mA
12.0
13.4
V
Output Voltage with
(VCC = 6.0V, ISINK = 1.0mA)
0.1
1.1
V
UVLO Activated
Output Voltage Rise Time
(CL = 1.0nF) Note 5
28
150
ns
Output Voltage Fall Time
(CL = 1.0nF) Note 5
25
150
ns
s
Undervoltage Lockout Section
Start-Up Threshold
7.4
8.4
9.4
V
Minimum Operating Voltage
After Turn-On
6.8
7.8
8.8
V
Hysteresis
0.6
V
s
Total Device
Start-Up Current
VCC = 6V
0.6
1.0
mA
Operating Current
20
25
mA
Electrical Characteristics: (VCC = 15V, RT = 8.2kΩ, CT = 3.3nF, for typical values TA = 25˚C, for min/max values -40˚C < TA < 85˚C,
unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com