Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7054 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS7054
Description  Low Side PWM FET Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS7054 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS7054 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Storage Temperature ................................................................................................................................................-65ûC to 150ûC
VCC ................................................................................................................................................................................-0.3V to 30V
Supply Voltage Range (load dump = 26Vw/series 51½ resistor) VCC Peak Transient Voltage.....................................40V
Input Voltage Range (at any input) ...........................................................................................................................-0.3V to 10V
Maximum Junction Temperature ..........................................................................................................................................150ûC
ESD Capability (Human Body Model) ....................................................................................................................................2kV
Lead Temperature Soldering: Wave Solder (through hole styles only)..........................................10 sec. max, 260¡C peak
Absolute Maximum Ratings
Electrical Characteristics: 8V < VCC < 16V, -40ûC < TA < 125¡C, (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s VCC Supply
Operating Current Supply
5
10
mA
Quiescent Current
VCC = 12V
170
275
µA
Overvoltage Shutdown
18
19.5
21
V
Overvoltage Hysteresis
150
325
500
mV
s Control (CTL)
Control Input Current
CTL = 0V to 5V
-2
0.1
2
µA
Sleep Mode Threshold
8%
10%
12%
VREG
Sleep Mode Hysteresis
50
100
150
mV
s Current Sense
Differential Voltage Sense
IADJ =51.2% VREG and RCS1= 51½
60.5
79.5
mV
IADJ Input Current
IADJ = 0V to 5V
-5
0.3
2
µA
s Linear Regulator VREG
Output Voltage
VCC = 13.2V
4.85
5.00
5.15
V
s Inhibit
Inhibit Threshold
40%
50%
60%
VREG
Inhibit Hysteresis
150
325
500
mV
s External Drive (OUTPUT)
Output Frequency
ROSC = 105k½, COSC = 390pF
17
20
23
kHz
Voltage to Duty Cycle
VCC = 13V, CTL = 30% VREG
26.3
38.5
%
Conversion
VCC = 13V, CTL = 70% VREG
69.5
81.5
%
Output Rise Time
VCC = 13V, RGATE = 6½, CGATE = 5nF
.25
1
µs
Output Fall Time
VCC = 13V, RGATE = 6½, CGATE = 5nF
.30
1
µs
Output Sink Current
VCC = 13V, RGATE = 6½, CGATE = 5nF
400
mA
Output Source Current
VCC = 13V, RGATE = 6½, CGATE = 5nF
400
mA
Output High Voltage
IOUT = 1mA
VCC - 1.7
V
Output Low Voltage
IOUT = -1mA
1.3
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com