Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7054 Datasheet (PDF) - Cherry Semiconductor Corporation

CS7054 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS7054
Download  CS7054 Download
File Size   143.16 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Low Side PWM FET Controller

CS7054 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS7054 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS7054
Download  CS7054 Click to download

File Size   143.16 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Low Side PWM FET Controller

CS7054 Datasheet (HTML) - Cherry Semiconductor Corporation


CS7054 Product details

Description
The CS7054 is a monolithic integrated circuit designed primarily to control the rotor speed of permanent magnet, direct current (DC) brush motors. It drives the gate of an N channel power MOSFET or IGBT with a user-adjustable, fixed frequency, variable duty cycle, pulse width modulated (PWM) signal. The CS7054 can also be used to control other loads such as incandescent bulbs and solenoids. Inductive current from the motor or solenoid is recirculated through an external diode.

Features
■ 200 mA Peak PWM Gate Drive Output
■ Patented Voltage Compensation Circuit
■ 100% Duty Cycle Capability
■ 5V, ± 3% Linear Reg.
■ Low Current Sleep Mode
■ Overvoltage Protection
■ Over Current Protection of External MOSFET / IGBT
■ Output Inhibit




Similar Part No. - CS7054

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YDW16 ONSEMI-CS7054YDW16 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YDWR16 ONSEMI-CS7054YDWR16 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YN14 ONSEMI-CS7054YN14 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
More results


Similar Description - CS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
High Side PWM FET Controller
Rev. 4/26/99
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com