Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4124 Datasheet (PDF) - Cherry Semiconductor Corporation

CS4124 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS4124
Download  CS4124 Download
File Size   149.77 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description High Side PWM FET Controller

CS4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4124 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS4124
Download  CS4124 Click to download

File Size   149.77 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description High Side PWM FET Controller

CS4124 Datasheet (HTML) - Cherry Semiconductor Corporation


CS4124 Product details

Description
The CS4124 is a monolithic integrated circuit designed primarily to control the rotor speed of permanent magnet, direct current (DC) brush motors. It drives the gate of an N channel power MOSFET or IGBT with a user-adjustable, fixed frequency, variable duty cycle, pulse width modulated (PWM) signal. The CS4124 can also be used to control other loads such as incandescent bulbs and solenoids. Inductive current from the motor or solenoid is recirculated through an external diode.
The CS4124 accepts a DC level input signal of 0 to 5V to control the pulse width of the output signal. This signal can be generated by a potentiometer referenced to the on chip 5V linear regulator, or a filtered 0% to 100% PWM signal also referenced to the 5V regulator.
The IC is placed in a sleep state by pulling the CTL lead below 0.5V. In this mode everything on the chip is shutdown except for the on-chip regulator and the overall current draw is less than 275µA. There are a number of on-chip diagnostics that look for potential failure modes and can disable the external power MOSFET.

Features
■ 150mA Peak PWM Gate Drive Output
■ Patented Voltage Compensation Circuit
■ 100% Duty Cycle Capability
■ 5V, ± 3% Linear Regulator
■ Low Current Sleep Mode
■ Overvoltage Protection
■ Boost Mode Power Supply
■ Output Inhibit




Similar Part No. - CS4124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Power Analog Micoelectr...
CS412499C PAM-CS412499C Datasheet
463Kb / 5P
POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4124YN16 ONSEMI-CS4124YN16 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
More results


Similar Description - CS4124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
Low Side PWM FET Controller
Rev. 4/21/99
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
Secondary-Side PWM Controller
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com