Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7054 Datasheet (PDF) - ON Semiconductor

CS7054 Datasheet PDF - ON Semiconductor
Part # CS7054
Download  CS7054 Download
File Size   91.28 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Side PWM FET Controller

CS7054 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS7054 Datasheet PDF - ON Semiconductor

Part # CS7054
Download  CS7054 Click to download

File Size   91.28 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Side PWM FET Controller

CS7054 Datasheet (HTML) - ON Semiconductor


CS7054 Product details

Low Side PWM FET Controller

The CS7054 is a monolithic integrated circuit designed primarily to control the rotor speed of permanent magnet, direct current (DC) brush motors. It drives the gate of an N channel power MOSFET or IGBT with a user–adjustable, fixed frequency, variable duty cycle, pulse width modulated (PWM) signal. The CS7054 can also be used to control other loads such as incandescent bulbs and solenoids. Inductive current from the motor or solenoid is recirculated through an external diode.

Features
• 200 mA Peak PWM Gate Drive Output
• Patented Voltage Compensation Circuit
• 100% Duty Cycle Capability
• 5.0 V, ± 3.0% Linear Regulator
• Low Current Sleep Mode
• Overvoltage Protection
• Overcurrent Protection of External MOSFET/IGBT
• Output Inhibit




Similar Part No. - CS7054

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
Low Side PWM FET Controller
Rev. 4/21/99
CS7054YN14 CHERRY-CS7054YN14 Datasheet
143Kb / 6P
Low Side PWM FET Controller
Rev. 4/21/99
More results


Similar Description - CS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
High Side PWM FET Controller
Rev. 4/26/99
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
Low Side PWM FET Controller
Rev. 4/21/99
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com