Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8135 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8135
Description  5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8135 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8135 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics : VIN = 14V, IOUT1 = 5mA, IOUT2 = 1mA, -40¡C ² TA ² 125¡C, -40¡C ² TJ ² 150¡C unless otherwise specified
s Output Stage (VOUT1)
Output Voltage, VOUT1
6V ² VIN ² 26V, 5mA ² IOUT1 ² 500mA
4.75
5.00
5.25
V
Dropout Voltage
IOUT = 500mA
0.35
0.60
V
IOUT = 750mA
0.50
V
Line Regulation
6V ² VIN ² 26V, IOUT1 = 5mA
10
50
mV
Load Regulation
5mA ² IOUT ² 500mA
10
50
mV
Quiescent Current
IOUT1 ² 10mA, No Load on Standby
3
7
mA
IOUT1 = 500mA, No Load on Standby
30
100
mA
IOUT1 = 750mA, No Load on Standby
60
150
mA
Ripple Rejection
f = 120Hz
66
dB
Current Limit
0.75
1.40
A
Maximum Line Transient
VOUT1 ² 5.5V
90
V
Reverse Polarity
VOUT1 ³ -0.6V, 10½ Load
-50
V
Input Voltage, DC
Reverse Polarity Input
1% Duty Cycle, t = 100ms, VOUT1 ³ -6V,
-80
V
Voltage, Transient
10½ Load
Output Noise Voltage
10Hz-100kHz
100
µVrms
Long Term Stability
20
mV/khr
Output Impedance
500mA DC and 10mA rms,
200
m½
100Hz-10kHz
Overvoltage Shutdown
30
V
s Standby Output (VOUT2)
Output Voltage (VOUT2)
6V ² VIN ² 26V, 1mA ² IOUT1 ² 10mA
4.75
5.00
5.25
V
Dropout Voltage
IOUT2 = 10mA
0.3
0.7
V
Tracking
VOUT1-VOUT2
50
200
mV
Line Regulation
6V ² VIN ² 26V
4
50
mV
Load Regulation
1mA ² IOUT1 ² 10mA
10
50
mV
Quiescent Current
IOUT ² 10mA, VOUT OFF
2
3
mA
Ripple Rejection
f = 120Hz
66
dB
Current Limit
25
70
mA
Output Noise Voltage
10Hz-100kHz
300
µV
Long Term Stability
20
mV/khr
Output Impedance
10mA DC and 1mA rms, 100Hz-10kHz
1
½
s
Function
Output Voltage
Low R1 = 20k½, VIN = 4.5V
See Test & Application Circuit
0.8
1.1
V
High R1 = 20k½, VIN = 14V
(page 6)
4.5
5.0
6.0
V
Output Current
VIN = 4.5V,
in Low State
5
mA
ON/OFF Resistor
R1 (±10% Tolerance)
20
30
k½
RESET
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com