Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8135 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8135
Description  5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8135 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8135 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8135 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two Regulated Outputs
Primary Output 5V
± 5%; 500mA
Secondary Standby 5V
±5%; 10mA
s
Low Dropout Voltage
(0.6V at 0.5A)
s
ON/OFF Control
Option
s
Low Quiescent Drain
(<3mA)
s
RESET Option
s
Protection Features
Reverse Battery
60V Load Dump
-50V Reverse Transient
Short Circuit
Thermal Shutdown
Overvoltage Shutdown
Package Option
5 Lead TO-220
Tab (Gnd)
1
5V, 5V Low Dropout Dual Regulator
with
/ENABLE
RESET
CS8135
Description
VIN
VOUT2
Gnd
VOUT1
RESET/
ENABLE
Output
Current
Limit
+
-
Output
Current
Limit
Over Voltage
Shutdown
+
-
+
-
Primary Output
Standby Output
+
-
Thermal
Shutdown
Bandgap
Reference
Block Diagram
Absolute Maximum Ratings
Input Voltage
Operating Range .....................................................................-0.5V to 26V
Load Dump ............................................................................................60V
Internal Power Dissipation ..................................................Internally Limited
Junction Temperature Range (TJ)............................................-40¡C to +150¡C
Storage Temperature Range ....................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
Electrostatic Discharge (Human Body Model) ..........................................2kV
The CS8135 is a low dropout, high cur-
rent, dual 5V linear regulator. The sec-
ondary 5V/10mA output is often used
for powering systems with standby
memory. Quiescent current drain is
less than 3mA when supplying 10mA
loads from the standby regulator.
In automotive applications, the CS8135
and all regulated circuits are protected
from reverse battery installations, as
well as two-battery jumps. During line
transients, such as a 60V load dump,
the 500mA output will automatically
shut down the primary output to pro-
tect both internal circuits and the load.
The standby regulator will continue to
power any standby load.
The CS8135 is packaged in a 5 lead
TO-220.
NOTE: The CS8135 is compatible with
the LM2935.
1VIN
2VOUT1
3 Gnd
4/
ENABLE
5VOUT2
RESET
A
Company
¨
Rev. 10/21/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8135

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
CS8135YT5 ONSEMI-CS8135YT5 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
CS8135YTHA5 ONSEMI-CS8135YTHA5 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
CS8135YTVA5 ONSEMI-CS8135YTVA5 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results

Similar Description - CS8135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com