Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8140 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8140
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8140 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8140 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Electrical Characteristics: 7V ² VIN ² 26V, 5mA ² IOUT ² 500mA, -40ûC ² TJ ² +150ûC, -40ûC ² TA ² 125ûC
unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Input Voltage
Operating Range .................................................................................................................................................-0.5 to +26V
Peak Transient Voltage (46V Load Dump @ 14V VBAT) ..............................................................................................60V
Electrostatic Discharge
(Human Body Model)...............................................................................................................................................4kV
WDI Input Signal Range ...............................................................................................................................................-0.3 to +7V
Internal Power Dissipation ..............................................................................................................................Internally limited
Junction Temperature Range (TJ) .......................................................................................................................-40¡C to +150¡C
Storage Temperature Range ................................................................................................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
ENABLE .......................................................................................................................................................................-0.3V to VIN
s Output Stage (VOUT)
Output Voltage, VOUT
7V ² VIN ² 26V
4.8
5.0
5.2
V
5mA < IOUT < 500mA
Dropout Voltage (VIN -VOUT)IOUT = 500mA
1.25
1.50
V
Line Regulation
IOUT = 50mA,
5
25
mV
7V ² VIN ² 26V
Load Regulation
VIN = 14V,
5
80
mV
50mA ² IOUT ² 500mA
Output Impedance, ROUT
500mA DC and 10mA AC ,
200
m½
100Hz ² f ² 10kHz
Quiescent Current, (IQ)
Active Mode
0 ² IOUT ² 500mA, 7V ² VIN ² 26V
7.00
15.00
mA
Sleep Mode
IOUT = 0mA, VIN = 13V, ENABLE = 0V
0.25
0.50
mA
Ripple Rejection
7 ² VIN ² 17V, IOUT = 250mA,
60
75
dB
f = 120Hz
Current Limit
700
1200
2000
mA
Thermal Shutdown
150
180
¡C
Overvoltage Shutdown
VOUT < 1V
30
34
38
V
s ENABLE
Threshold
HIGH
VOUT ³ 0.5V, (VOUT(ON))
4.05
4.50
V
LOW
VOUT < 0.5V, (VOUT(OFF))
3.50
3.95
V
Threshold Hysteresis
(HIGH - LOW)
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com