Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8140 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8140
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8140 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8140 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8140 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Typical Performance Characteristics
0
1
2
3
456
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Rload = NO LOAD
VIN (V)
VENABLE = VIN
Rload = 6.67W
Rload = 10W
VOUT vs. VIN over RLOAD; T = 25ûC
0
1
2
3
456
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TEMP = 25
°C
TEMP = 125
°C
TEMP = -40
°C
VENABLE = VIN
VOUT vs. VIN over Temperature; RLOAD = 25½
0
100
200
300
400
500
600
700
800
0
400
600
800
1200
1400
1600
1800
200
1000
-40
°C
125
°C
25
°C
IOUT (mA)
Dropout Voltage vs. Output Current over Temperature
0
100
200
300
400
500
600
700
800
-35.0
-31.5
-28.0
-24.5
-21.0
-17.5
-14.0
-10.5
-7.0
-3.5
0
3.5
-40
°C
25
°C
125
°C
VIN = 14V
IOUT (mA)
Load Regulation vs. Output Current over Temperature
0
100
200
300
400
500
600
700
800
-6
-4
-2
0
2
4
6
8
10
12
14
18
-40
°C
25
°C
125
°C
VIN = 14V
IOUT (mA)
16
Line Regulation vs. Output Current over Temperature
0
100
200
300
400
500
600
700
800
4
5
6
7
8
9
10
-40
°C
125
°C
25
°C
IOUT (mA)
VIN = 14V
Quiescent Current vs. Output Current over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com