Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8141 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8141
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8141 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Package Lead Description
Package Lead #
Lead Symbol
Function
Electrical Characteristics: continued
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
Threshold
HIGH VR(HI)
VOUT increasing
4.65
4.90
VOUT - 0.05
V
LOW VR(LOW)
VOUT decreasing
4.50
4.70
4.90
V
Threshold Hysteresis(VRH)
(HIGH - LOW)
150
200
250
mV
Reset Output Leakage
VOUT ³VR(HI)
25
µA
= HIGH
Output Voltage
Low(VL(LOW) )
1V ² VOUT ²VR(LOW)
0.1
0.4
V
Rp = 2.7k½*
Low (VRpeak )VOUT, Power up, Power down
0.6
1.0
V
Delay Times
CDELAY = 0.1µF
tPOR
30.0
47.5
65.0
ms
tWDI(
)
0.5
1.0
1.5
ms
s Watchdog
Input Voltage
HIGH
2.0
V
LOW
0.8
V
Input Current
WDI ² VOUT
010
µA
Threshold Frequency
CDELAY = 0.1µF
fWDI
LOWER
64
77
96
Hz
fWDI(UPPER)**
218
262
326
Hz
* RP is connected to
and VOUT.
** CS8140 only
To observe safe operating junction temperature, low duty cycle pulse testing is used on tests where applicable.
RESET
RESET
RESET
RESET
7 Lead
24 Lead *
14 Lead
TO-220
SOIC Wide
PDIP
121
12
VIN
Supply voltage to IC, usually direct from the battery.
2
23
13
ENABLE
CMOS compatible logical input. VOUT is disabled when
ENABLE is LOW and WDI is beyond its preset limits.
3
24
14
CMOS compatible output lead.
goes low whenever
VOUT drops below 4.5% of its typical value for more than
2µs or WDI signal falls outside itÕs window limits.
4
12, 20
11
Gnd
Ground connection.
5
2
1
Delay
Timing capacitor for Watchdog and
functions.
6
3
2
WDI
CMOS compatible input lead. The Watchdog function mon-
itors the falling edge of the incoming digital pulse train. The
signal is usually generated by the system microprocessor.
74
3
VOUT
Regulated output voltage, 5V (typ).
N/A
5
4
Sense
Kelvin connection which allows remote sensing of output
voltage for improved regulation.
1,6-11,13-19,22
5-10
NC
No connection.
* The CS8141 uses a fused lead package. Leads 6-8 and 17-19 are fused together through the lead frame. These leads are
electrically connected to IC ground and should be connected to system ground for a good thermal connection.
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com