Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8141 Datasheet (PDF) - Cherry Semiconductor Corporation

CS8141 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS8141
Download  CS8141 Download
File Size   214.54 Kbytes
Page   12 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET

CS8141 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8141 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS8141
Download  CS8141 Click to download

File Size   214.54 Kbytes
Page   12 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET

CS8141 Datasheet (HTML) - Cherry Semiconductor Corporation


CS8141 Product details

Description

The CS8140 is a 5V Watchdog Regulator with protection circuitry and three logic control functions that allow a microprocessor to control its own power supply. The CS8140 is designed for use in automotive, switch mode power supply post regulator, and bat tery powered systems.



Features

5V ± 4%, 500mA Output Voltage

µP Compatible Control Functions

   Watchdog

   RESET

   ENABLE

Low Dropout Voltage(1.25V @ 500mA)

Low Quiescent Current(7mA @ 500mA)

Low Noise, Low Drift

Low Current SLEEP Mode (IQ = 250µA)

Fault Protection

   Thermal Shutdown Short Circuit

   60V Peak Transient Voltage



 




Similar Part No. - CS8141

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
More results


Similar Description - CS8141

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com