Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS8147
Description  10V/5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8147 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS8147 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics
Output Current (mA), VOUT1 (10V)
0
50 100 150 200
300 350 400 450 500 550 600
250
-10
-6
22
-2
2
6
10
14
18
125
°C
25
°C
-40
°C
26
30
VIN = 14V
Load Regulation vs. Output Current (VOUT1)
Output Current (mA), VOUT2 (5V)
0
10
0
1
20
30
40
50
60
70
80
90
100
2
3
8
4
5
6
7
9
10
VIN = 14V
-40
°C
25
°C
125
°C
Load Regulation vs. Output Current (VOUT2)
VENABLE 1.000/div (V)
-1.000
0
-100.0
9.000
20.00
/div
0
100.0
ENABLE Input Current vs. Input Voltage
-40ûC
25ûC
V10 = 500mA Load
V5 = 70mA Load
350
300
250
200
150
100
50
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
VIN (V)
125ûC
0 1 2
3 4
5 6
7
8
9 1011 1213 1415
0
50
100
150
200
250
300
VIN (V)
VOUT1 = 500mA Load
VOUT2 = 100mA Load
V10 = 500mA Load
V5 = No Load
VOUT1= No Load
VOUT2 = No Load
Quiescent Current (ICQ) vs. VIN over RLOAD
TEMP (
°C)
-50 -30
9.975
9.980
-10
10
30
50
70
90
110 130 150
9.985
9.990
9.995
10.000
10.005
10.010
10.015
10.020
10.025
VIN = 14V
IO = 30mA
VOUT1 vs. Temperature
Quiescent Current (ICQ) vs. VIN over Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com