Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8147 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8147
Description  10V/5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8147 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8147 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8147 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s
Two Regulated Outputs
10V ± 5%; 500 mA
5V ± 3%; 70 mA
s
70µA SLEEP Mode Current
s
Inherently Stable
Secondary Output
(No Output Capacitor
Required)
s
Fault Protection
Overvoltage Shutdown
Reverse Battery
60V Peak Transient
-50V Reverse Transient
Short Circuit
Thermal Shutdown
s
CMOS Compatible
Input with Low
(IOUT(max)) Input Current.
ENABLE
1
Features
Package Options
5 Lead TO-220
Tab (Gnd)
1
10V/5V Low Dropout Dual Regulator
with ENABLE
CS8147
Description
VIN
VOUT2
Gnd
VOUT1
ENABLE
Bandgap
Reference
Thermal
Shutdown
Anti-saturation
and
Current Limit
+
-
Current Limit
Pre-Regulator
Over Voltage
Shutdown
Secondary Output
Primary Output
Block Diagram
Absolute Maximum Ratings
Input Voltage (VIN)
DC .............................................................................................-18V to 26V
Positive Peak Transient Voltage
(46V Load Dump @ VIN = 14V) .......................................................60V
Negative Peak Transient Voltage ......................................................-50V
ESD (Human Body Model) ...........................................................................2kV
Input ...................................................................................-0.3 to 10V
Internal Power Dissipation ..................................................Internally Limited
Junction Temperature Range...................................................-40¡C to +150¡C
Storage Temperature Range ....................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
ENABLE
The CS8147 is a 10V/5V dual out-
put linear regulator. The 10V ±.5%
output sources 500mA and the 5V
±3% output sources 70mA. The
secondary output is inherently sta-
ble and does not require an external
capacitor.
The on board
function
controls the regulatorÕs two out-
puts. When
is high, the
regulator is placed in SLEEP mode.
Both outputs are disabled and the
regulator draws only 70µA of qui-
escent current.
The regulator is protected against
overvoltage conditions. Both out-
puts are protected against short
circuit and thermal runaway
conditions.
The CS8147 is packaged in a 5 lead
TO-220 with copper tab. The cop-
per tab can be connected to a heat
sink if necessary.
ENABLE
ENABLE
1
2 VIN
3 Gnd
4VOUT1 (10V)
5VOUT2 (5V)
ENABLE
A
Company
¨
Rev. 4/5/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8147

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8147YTHA5 ONSEMI-CS8147YTHA5 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8147YTVA5 ONSEMI-CS8147YTVA5 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
More results

Similar Description - CS8147

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
G965 GMT-G965_15 Datasheet
99Kb / 1P
1.8A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com