Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8312
Description  IGBT Ignition Predriver with Dynamic Current Regulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8312 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8312 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
Gate
Driver
Latch
VREF
Control
Logic
VCC
OUT
SENSE+
SENSEÐ
CLI
Gnd
FLAG
CTRL
VT
VT
s
µP Compatible Inputs
s
Adjustable Current Limit
Thresholds
s
External Sense Resistor
s
Flag Signal to Indicate
Output Status
Package Options
8L PDIP & SO Narrow
IGBT Ignition Predriver
with Dynamic Current Regulation
1
FLAG
SENSE+
SENSEÐ
Gnd
VCC
CTRL
CLI
OUT
Description
Block Diagram
Absolute Maximum Ratings
The CS8312 is a bipolar micropro-
cessor interface IC designed to
drive an IGBT (or logic level
MOSFETs) powering large induc-
tive loads in harsh operating envi-
ronments. The ICÕs dynamic cur-
rent limit function lets the micro-
processor adjust the current limit
threshold to the real time needs of
the system.
CLI, the current limit input, sets the
current limit for the IGBT high or
low as directed by the system
microprocessor. CLI also raises and
lowers the threshold on the diag-
nostic FLAG output signal. The
FLAG output signals the micropro-
cessor when the current level
approaches current limit on the
IGBT. The CTRL input enables the
FLAG function.
CS8312
Supply Voltage.................................................................................-0.3V to +12V
Digital Input Currents....................................................................................2mA
Internal Power Dissipation (TA = 25¡C) .................................................700mW
Junction Temperature Range.....................................................-40¡C to +150¡C
Storage Temperature Range ......................................................-55¡C to +165¡C
Lead Temperature Soldering
Wave Solder(through hole styles only).............10 sec. max, 260¡C peak
Reflow (SMD styles only).............60 sec. max above 183¡C, 230¡C peak
Electrostatic Discharge (Human Body Model) ............................................2kV
A
Company
¨
Rev. 4/7/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8312

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
CS8312YD8 ONSEMI-CS8312YD8 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
CS8312YDR8 ONSEMI-CS8312YDR8 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
CS8312YN8 ONSEMI-CS8312YN8 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
More results

Similar Description - CS8312

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 5
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
Ignition IGBT
February, 2012 ??Rev. 9
logo
Inchange Semiconductor ...
BT152 ISC-BT152 Datasheet
107Kb / 1P
capacitive discharge ignition, voltage regulation circuits etc.
logo
Rohm
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
400V 30A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
430V 20A Ignition IGBT
2019.07 - Rev.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com